Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3219 Datasheet(PDF) 11 Page - Lowpower Semiconductor inc

Part # LP3219
Description  1.5MHz, 2A Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3219 Datasheet(HTML) 11 Page - Lowpower Semiconductor inc

Back Button LP3219 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 10Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 11Page - Lowpower Semiconductor inc LP3219 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LP3219-04
Apr.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 11 of 12
Preliminary Datasheet
LP3219
Layout Guidance
When laying out the PC board, the following layout guideline
should be followed to ensure proper operation of the LP8008:
1. The power traces, including the GND trace, the LX trace
and the IN trace should be kept short, direct and wide to allow
large current flow. The L connection to the LX pins should be
as short as possible. Use several VIA pads when routing
between layers.
2. The feedback trace or OUT pin should be separate from
any power trace and connect as closely as possible to the
load point. Sensing along a high-current load trace will
degrade DC load regulation. If external feedback resistors are
used, they should be placed as closely as possible to the FB
pin to minimize the length of the high impedance feedback
trace.
3. The input capacitor (CIN) should connect as closely as
possible to VIN and GND to get good power filtering.
4. Keep the switching node, LX away from the sensitive FB
node.
5. The output capacitor COUT and L should be connected as
closely as possible. The connection of L to the LX pin should
be as short as possible and there should not be any signal
lines under the inductor.
6. The resistance of the trace from the load return to GND
should be kept to a minimum. This will help to minimize any
error in DC regulation due to differences in the potential of the
internal signal ground and the power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com