Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3367 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP3367
Description  1A Buck/Boost Charge Pump LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3367 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP3367 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LP3367-02
Feb.-2011
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 10
Preliminary Datasheet
LP3367
Over-Current Protection
The Over-Current Protection circuitry monitors the
average current out of the FB pin. If the average
current exceeds the two times set current, then the
over current protection circuitry shuts off the output
switches to protect the chip.
Brightness Control Using PWM
Dimming control can be achieved by applying a
PWM control signal to the EN pin. The brightness of
the white LEDs is controlled by increasing and
decreasing the duty cycle of the PWM signal. While
the operating frequency range of the PWM control is
from 60Hz to 700Hz, the recommended maximum
brightness frequency range of the PWM signal is
from 60Hz to 200Hz. A repetition rate of at least
60Hz is required to prevent flicker.
Application Information
The LP3367 charge pump circuit requires 3
capacitors: 1μF input, 1μF output and 1μF fly
capacitors are typically recommended. For the input
capacitor, a value of 10μF will help reduce input
voltage ripple for applications sensitive to ripple on
the battery voltage. All the capacitors should be
surface mount for low lead inductance necessary at
the 2MHz switching frequency of the LP3367 and to
obtain low ESR, which improves bypassing on the
input and output and improves output voltage drive
by reducing output resistance. The input and output
capacitors should be located as close to the VIN and
VOUT pins as possible to obtain best bypassing, and
the returns should be connected directly to the
PGND pin or to the thermal pad ground located
under the LP3367. The fly capacitor should be
located as close to the C1 and C2 pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com