Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4055 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP4055
Description  800mA Linear Li-Ion Battery Charger with Protection of Reverse Connection of Battery
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4055 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP4055 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4055 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4055 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4055 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4055 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4055 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4055 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4055 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP4055-03
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP4055
Stability Considerations
The constant-voltage mode feedback loop is stable without an
output capacitor provided a battery is connected to the
charger output. With no battery present, an output capacitor is
recommended to reduce ripple voltage. When using high
value, low ESR ceramic capacitors, it is recommended to add
a 1Ω resistor in series with the capacitor. No series resistor is
needed if tantalum capacitors are used.
Manual Shutdown
At any point in the charge cycle, the LP4055 can be put into
shutdown mode by removing RPROG. This reduces the battery
drain current to less than 1µA and the supply current to less
than 1µA. A new charge cycle can be initiated by
reconnecting the program resistor. The CHRG pin is in a
high impedance state if the LP4055 is in undervoltage lockout
mode: either VCC is within 100mV of the BAT pin voltage or
insufficient voltage is applied to the VCC pin.
Automatic Recharge
Once the charge cycle is terminated, the LP4055 continuously
monitors the voltage on the BAT pin using a comparator with
a 2ms filter time (tRECHRG). A charge cycle restarts when the
battery voltage falls below 4.05V (which corresponds to
approximately 80% to 90% battery capacity). This ensures
that the battery is kept at or near a fully charged condition and
eliminates the need for periodic charge cycle initiations.
CHRG output enters a strong pull-down state during recharge
cycles.
Under voltage Lockout (UVLO)
An internal under voltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VCC
rises above the under voltage lockout threshold .The UVLO
circuit has a built-in hysteresis of 500mV. Furthermore, to
protect against reverse current in the power MOSFET, the
UVLO circuit keeps the charger in shutdown mode if VCC falls
to within 30mV of the battery voltage. If the UVLO comparator
is tripped, the charger will not come out of shutdown mode
until VCC raises 100mV above the battery voltage.
Power Dissipation(SOT23-5)
The conditions that cause the LP4055 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power dissipation is generated by the internal MOSFET—this
is calculated to be approximately:
PD=(VCC-VBAT)×IBAT
Where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which the
thermal feedback begins to protect the IC is:
TA=150℃-PD×θJA
TA=150℃-(VCC-VBAT)×IBAT×θJA
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multilayer
ceramic capacitors. Because of the self-resonant and high Q
characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up
conditions, such as connecting the charger input to a live
power source .Adding a 1.5Ω resistor in series with an X5R
ceramic capacitor will minimize start-up voltage transients.
Layout Considerations
For the main current paths as indicated in bold lines, keep
their traces short and wide.
Put the input and output capacitor as close as possible to the
device pins (VCC, BAT and GND).
Connect all analog grounds to a command node and then
connect the command node to the power ground behind the
output capacitors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com