Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4055QVF Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4055QVF
Description  800mA Linear Li-Ion Battery Charger with Protection of Reverse Connection of Battery
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4055QVF Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4055QVF Datasheet HTML 1Page - Lowpower Semiconductor inc LP4055QVF Datasheet HTML 2Page - Lowpower Semiconductor inc LP4055QVF Datasheet HTML 3Page - Lowpower Semiconductor inc LP4055QVF Datasheet HTML 4Page - Lowpower Semiconductor inc LP4055QVF Datasheet HTML 5Page - Lowpower Semiconductor inc LP4055QVF Datasheet HTML 6Page - Lowpower Semiconductor inc LP4055QVF Datasheet HTML 7Page - Lowpower Semiconductor inc LP4055QVF Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP4055-03
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP4055
Typical Application Circuit
Functional Pin Description
Package Type
Pin Configurations
SOT23-6 / TDFN-6
1
2
3
5
4
VCC
PROG
CHRG
GND
BAT
PROG
FULL
VCC
CHRG
GND
BAT
1
2
3
4
5
6
7
GND
SOT23-5
TDFN-6
TOP VIEW
Pin Description
Pin
Name
Description
SOT23-5
TDFN-6
1
6
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low
by an internal N-channel MOSFET. When the LP4055 detects an under voltage lockout
condition or charge complete, CHRG is forced high impedance.
2
5,7
GND
Ground.
3
4
BAT
Charge Current Output. Provides charge current to the battery and regulates the final float
voltage to 4.2V. An internal precision resistor divider from this pin sets the float voltage.
4
3
VCC
Positive Input Supply Voltage. Provide power to the charger. VCC can range from 4.5V to
6.5V and should be bypassed with at least a 1µF capacitor. When VCC drops to within 30mV
of the BAT pin voltage, the LP4055 enters shutdown mode, dropping IBAT to less than1µA.
5
1
PROG
Charge Current Program and Charge Current Monitor Pin. The charge current is programmed
by connecting a 1% resistor to ground(RPROG). When charging in constant-current mode, this
pin servos to 1V. In all modes, the voltage on this pin can be used to measure the charge
current using the following formula: IBAT=1000/RPROG
-
2
FULL
Open-Drain Charge Complete Status Output. When the battery charge complete, the FULL
pin is pulled low by an internal N-channel MOSFET. When the LP4055 is charging, FULL is
forced high impedance.
10uF
BATTERY
GREEN
RED
10uF
CHRG
CHRG_OK
GND
PROG
VCC
BATT
LP4055QVF
VIN
2.7K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com