Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6230A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6230A
Description  High Efficiency 1.4A/30VBoost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6230A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6230A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP6230A–01
Oct.-2013
Email: marketing@lowpowersemi.com
www.Lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP6230A
Pin Configurations
FB
EN
GND
NC
NC
VDD
SW
1
2
3
4
5
6
7
8
NC
Functional Pin Description
PIN
PIN Name
Description
1,7,8
NC
No Connection.
2
FB
Regulation Feedback Input. Connect to an external resistive voltage divider
from the output to FB to set the output voltage.
3
EN
Regulator On/off Control Input. A logic high input(VEN>1.4V) turns on the
regulator. A logic low input(VEN<0.4V) puts the LP6230A into low current
shutdown mode.
4
GND
Ground.
5
SW
Switching pin.
6
VDD
Power Supply pin.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com