Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6236 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6236
Description  High Efficiency 2.0A Boost DC/DC Convertor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6236 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6236 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6236 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6236 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6236 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6236 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6236 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6236 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6236 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6236 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LP6236
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 9
Preliminary Datasheet
LP6236
Typical Operating Characteristics
Start up Waveform CH1=VEN, CH2=VOUT
CH1=△VOUT,CH2=VSW @ VIN=3.7V, VOUT=5V, IOUT=1mA
CH1=△VOUT,CH2=VSW @ VIN=3.7V, VOUT=5V, IOUT=500mA
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
500
1000
1500
IOUT / mA
Efficiency VS. IOUT @
Different Vin with VOUT=5V
Vin=3V
Vin=3.3V
Vin=3.5V
Vin=3.7V
Vin=4.2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com