Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR46110 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR46110
Description  LED Current Controller with Line Regulation Compensation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR46110 Datasheet(HTML) 1 Page - Exar Corporation

  XR46110 Datasheet HTML 1Page - Exar Corporation XR46110 Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Current Controller
with Line Regulation Compensation
XR
46110 Product Brief
1/2
FEATURES
■
■
Device
6V to 78V chip supply voltage range
Excellent system power regulation in
±10% AC mains fluctuation
Over temperature protection
Overvoltage protection
Single board LED lighting solution
available
2mm x 2mm TDFN-6L package
■
■
System
All solid state components
No electrolytic capacitor required
Scalable architecture allows
optimization of performance vs. cost
Driver-on-board and chip-on-board
design solution available which
minimize process flow and
assembly cost
High PF and low THD performance
Flexible PCB layout options
APPLICATIONS
■
■
LED Lighting Applications
Downlight
High bay
Specialty
Architectural
Description
The XR46110 is an LED current controller with line regulation
compensation for operating over a wide alternative current (AC)
voltage source range. It can drive an external N-channel power
MOSFET to regulate the current flowing through a high voltage (HV)
LED string.
The application of the XR46110 is configured in series with an LED
string, working as a constant current sink with linear type overvoltage
protection (OVP), linear type over temperature protection (OTP),
and line regulation compensation. It is suitable for applications with a
rectified AC voltage source.
The PCB design can be very compact to meet various shape
requirements. It is especially suitable for replacing incandescent light
bulb and linear type fluorescent lamps.
Typical Application
+
VAC
BD
R2
R3
RG
R1
RIN2
RIN1
RA2
RB
RA1
LEDS1
LEDS2
LEDS3
U1
XR46084
XR46110
U2
XR46084
Q1
XR46000
CLR
VIN
VL
GND
GATE
NC
CS
U3
2
1
3
5
6
4
VIN
GND
GATE
CS
VL
NC
Pin Configuration
2mm x 2mm TDFN-6


Similar Part No. - XR46110

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR46000 EXAR-XR46000 Datasheet
121Kb / 2P
The XR46000 is a silicon N-channel enhanced power MOSFET
XR46010 EXAR-XR46010 Datasheet
146Kb / 2P
Active Load Current Regulator for Phase-Cut Dimmable AC Direct Drive LED Lamp
XR46014 EXAR-XR46014 Datasheet
101Kb / 2P
High Voltage Constant Current Regulator
XR46050 EXAR-XR46050 Datasheet
152Kb / 2P
Two-Step LED Current Controller
XR46051 EXAR-XR46051 Datasheet
122Kb / 2P
Two-Step LED Current Controller
More results

Similar Description - XR46110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
Off-line Primary Side Regulation Controller for Dimmable LED Driver
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Exar Corporation
XR46073 EXAR-XR46073 Datasheet
151Kb / 2P
Two-Step LED Current Controller with Line Regulation Compensation
XR46203 EXAR-XR46203 Datasheet
105Kb / 2P
Two-Step LED Current Controller with Line Regulation Compensation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com