Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBJFSC5650-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBJFSC5650-G
Description  Silicon Carbide Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBJFSC5650-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBJFSC5650-G Datasheet HTML 1Page - Comchip Technology CDBJFSC5650-G Datasheet HTML 2Page - Comchip Technology CDBJFSC5650-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
QW-BSC11
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
CDBJFSC5650-G
RoHS Device
Circuit diagram
Maximum Rating (at TA=25°C unless otherwise noted)
Reverse Voltage: 650 V
Forward Current: 5 A
Parameter
Unit
Repetitive peak reverse voltage
DC blocking voltage
Typical continuous forward current
Non-repetitive peak forward surge current
Power dissipation
Typical thermal resistance
Operating junction temperature range
Symbol
VRRM
VDC
IF
IFSM
PTOT
RθJC
TJ
650
60
30.9
13.4
4.85
-55 ~ +175
V
V
A
A
W
°C/W
°C
Storage temperature range
TSTG
-55 ~ +175
°C
Value
650
Tc = 150°C
5
Repetitive peak forward surge current
IFRM
30
A
Conditions
Tc = 25°C, tp = 10ms
Half sine wave, D = 0.3
Tc = 25°C, tp = 10ms
Half sine wave
Tc
= 25°C
Tc = 110°C
Junction to case
Surge peak reverse voltage
VRSM
650
V
K(1)
A(2)
K(3)
TO-220F
Dimensions in inches and (millimeter)
0.516(13.10)
0.539(13.70)
0.100(2.55)
0.112(2.85)
0.602(15.30)
0.587(14.90)
0.130(3.30)
0.118(3.00)
0.388( 9.85)
0.404(10.25)
0.031(0.80)
0.020(0.50)
0.055(1.40)
0.031(0.80)
0.020(0.50)
0.043(1.10)
0.039(1.00)
0.024(0.60)
0.130(3.30)
0.154(3.90)
0.264(6.70)
0.248(6.30)
0.201(5.10)
0.118(3.00)
0.126(3.20)
0.173(4.40)
0.185(4.70)
0.098(2.50)
0.110(2.80)
0.100(2.55)
Features
- Rated to 650V at 5 Amps
- Short recovery time.
- High speed switching possible.
- Temperature independent switching behaviour.
- High temperature operation.
- High frequency operation.
- Positive
.
temperature coefficient on VF
Silicon Carbide Power Schottky Diode


Similar Part No. - CDBJFSC5650-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBJFSC101200-G COMCHIP-CDBJFSC101200-G Datasheet
113Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJFSC10650-G COMCHIP-CDBJFSC10650-G Datasheet
114Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJFSC3650-G COMCHIP-CDBJFSC3650-G Datasheet
113Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJFSC8650-G COMCHIP-CDBJFSC8650-G Datasheet
114Kb / 3P
Silicon Carbide Power Schottky Diode
More results

Similar Description - CDBJFSC5650-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GB01SLT12-252 ETC-GB01SLT12-252 Datasheet
336Kb / 4P
Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB05SLT12-220 GENESIC-GB05SLT12-220 Datasheet
399Kb / 5P
Silicon Carbide Power Schottky Diode
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL_15 Datasheet
251Kb / 5P
Silicon Carbide Power Schottky Diode
GB10SLT12-CAL GENESIC-GB10SLT12-CAL_15 Datasheet
421Kb / 5P
Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBDSC5650-G COMCHIP-CDBDSC5650-G Datasheet
91Kb / 2P
Silicon Carbide Power Schottky Diode
CDBJSC101200-G COMCHIP-CDBJSC101200-G Datasheet
114Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJSC101700-G COMCHIP-CDBJSC101700-G Datasheet
103Kb / 2P
Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB2X40MPS12-227 GENESIC-GB2X40MPS12-227 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
GC2X20MPS12-247 GENESIC-GC2X20MPS12-247 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com