Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBJFSC10650-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBJFSC10650-G
Description  Silicon Carbide Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBJFSC10650-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBJFSC10650-G Datasheet HTML 1Page - Comchip Technology CDBJFSC10650-G Datasheet HTML 2Page - Comchip Technology CDBJFSC10650-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
Parameter
Conditions
Symbol
Typ
Max
Unit
Typical Characteristics (
)
CDBJFSC10650-G
Page 2
pF
C
Total capacitance
Total capacitive charge
Forward voltage
VR = 0V , TJ = 25°C , f = 1 MHZ
µA
VR = 400V , TJ = 150°C
1.7
100
VF
IF = 10 A , TJ = 25°C
IF = 10 A , TJ = 175°C
VR = 650V , TJ = 25°C
VR = 650V , TJ = 175°C
IR
V
VR = 200V , TJ = 25°C , f = 1 MHZ
nC
1.48
Fig.4 - Capacitance vs. Reverse Voltage
Reverse current
QC = ∫
C(V) dv
VR
0
QC
1.7
72
710
20
30
36
QW-BSC13
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Case Tempature, TC (°C)
Fig.3 - Current Derating
175
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
1
4
2.0
0
1.5
2.5
2
3
5
1.0
0.5
6
7
10
9
8
TJ=75°C
TJ=125°C
TJ=25°C
T=175°C
J
Fig.2 - Reverse Characteristics
Reverse Voltage, VR (V)
0
0.032
0.088
0
200
400
800
0.040
0.056
100
300
600
500
700
0.008
0.048
0.064
0.016
0.024
0.080
0.072
T=175°C
J
T=125°C
J
TJ=25°C
TJ=75°C
Reverse Voltage, VR (V)
100
200
250
750
0
400
0.01
0.1
1
10
100
1000
50
150
300
350
450
500
550
600
650
700
150
75
125
70
30
10
0
50
100
25
20
40
50
60
10% Duty
30% Duty
50% Duty
70% Duty
D.C.
Silicon Carbide Power Schottky Diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com