Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7910 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OV7910
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7910 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OV7910 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
December 7, 1999
Version 1.4
13
OV7910P/OV7410P/OV7411P
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
in one bus cycle. A multi-byte cycle overwrites its original subaddress; therefore, if a read cycle immediately follows
a multi-byte cycle, you must insert a single-byte write cycle that provides a new subaddress.
The OV7910P/OV7410P/OV7411P supports a single slave ID. The ID is preset to 80 write and 81 for read.
In the write cycle, the second byte in I2C bus is the subaddress for selecting the individual on-chip registers, and
the third byte is the data associated with this register. Writing to an undefined subaddress is ignored.
In the read cycle, the second byte is the data associated with the previous stored subaddress. Reading of unde-
fined subaddresses returns unknown data.
2.2
Register Set
The table below provides a list and description of available I2C registers contained in the OV7910P/OV7410P/
OV7411P image sensor.
Table 5. I2C Registers
Subad-
dress
(hex)
Register
Default
(hex)
Read/
Write
Descriptions
00
Gain[6:0]
00
RW
GC[7] - unimplemented bit, returns ‘X’ when read.
GC[6:0] – Storage for the current AGC Gain setting.
This register is updated automatically. If AGC is enabled, the internal control stores the optimal
gain value in this register. IF AGC is not enabled, a “00” is stored in this register.
01
Blue[7:0]
80
RW
Storage for the current blue channel setting for white balance control.
BLU[7] – “0” decrease gain, “1” increase gain.
BLU[6:0] – blue channel gain balance value.
Note: This function is not available on the OV7410P/OV7411P Image Sensor.
02
Red[7:0]
80
RW
Storage for the current red channel setting for white balance control.
RED[7] – “0” decrease gain, “1” increase gain.
RED[6:0] – red channel balance value.
Note: This function is not available on the OV7410P/OV7411P Image Sensor.
03
Sat
D0
RW
SAT[7:0] – saturation adjustment. “FFh”- highest, “00h”-lowest
Note: This function is not available on the OV7410P/OV7411P Image Sensor.
04
Cnt
00
RW
CTR[7:0] – contrast adjustment. “FFh”-highest, “00h”-lowest
05
Brt
80
RW
BRT[7:0] – brightness adjustment. “FFh”-highest,“00h”-lowest
06
Rsvd06
B2
RW
reserved
07
Blue Bias
20
RW
BBS[7:6] – rsvd (BBS[7:6] = 00)
BBS[5:0] – blue channel bias value.
This value defines the fine tune adjustment for the blue tint in the white balance control. This reg-
ister is the manual control portion of the AWB control
Note: This function is not available on the OV7410P/OV7411P Image Sensor.
Figure 5. Data Transfer on the I2C Bus
The OV7910P/OV7410P/OV7411P I2C supports multi-
byte write and multi-byte read. The master must supply
the subaddress. in the write cycle, but not in the read
cycle. Therefore, the OV7910P/OV7410P/OV7411P
takes the read subaddress from the previous write
cycle. In multi-byte write or multi-byte read cycles, the
subaddress is automatically increment after the first
data byte so that continuous locations can be accessed
SDA
SCL
S
A
SLAVE ID
RW
SUB ADD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com