Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBJSC101200-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBJSC101200-G
Description  Silicon Carbide Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBJSC101200-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBJSC101200-G Datasheet HTML 1Page - Comchip Technology CDBJSC101200-G Datasheet HTML 2Page - Comchip Technology CDBJSC101200-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (at T =25°C unless otherwise noted)
A
Parameter
Conditions
Symbol
Typ
Max
Unit
Typical Characteristics (
)
CDBJSC101200-G
Page 2
pF
C
Total capacitance
Total capacitive charge
Forward voltage
VR = 0V , TJ = 25°C , f = 1 MHZ
µA
VR = 800V , TJ = 150°C
1.7
100
VF
IF = 10 A , TJ = 25°C
IF = 10 A , TJ = 175°C
VR = 1200V , TJ = 25°C
VR =
V , TJ = 175°C
1200
IR
V
nC
1.63
Reverse current
QC = ∫
C(V) dv
VR
0
QC
2.55
780
50
100
69
QW-BSC08
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Silicon Carbide Power Schottky Diode
Reverse Voltage, VR (V)
Fig.4 - Capacitance vs. Reverse Voltage
200
400
500
1000
0
800
0.01
0.1
1
10
100
1000
Fig.2 - Reverse Characteristics
100
300
600
700
900
Case Tempature, TC (°C)
Fig.3 - Current Derating
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
2
10
2.0
0
1.5
3.0
0.5
6
8
1.0
2.5
4
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
Reverse Voltage, VR (V)
0
0.02
0.08
0
400
800
1600
0.04
0.06
200
600
1200
1000
1400
0.03
0.05
0.07
0.01
T=175°C
J
T=125°C
J
TJ=25°C
TJ=75°C
150
175
75
125
100
60
50
10
0
50
100
25
40
30
20
70
90
80
10% Duty
30% Duty
50% Duty
70% Duty
D.C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com