Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7910P Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OV7910P
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7910P Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OV7910P Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 9Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7910P Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
OV7910P/OV7410P/OV7411P
8
Version 1.4
December 7, 1999
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
Specifications
Table 4. Electrical parameters (0oC to 70 oC, all voltages referenced to GND)
Symbol
Descriptions
Max
Typ
Min
Units
Supply
VDD
Supply voltage (VDD, DVDD)
5.25
5.0
4.75
V
IDD
Supply Current in VDDs
40
-
-
mA
I
2C
fscl
SCL clock frequency
400
-
-
kHz
tf
SDA fall time
300
-
20 + 0.1Csda
ns
tidle
Bus idle time
-
-
1.3
us
thdsta
START hold time
-
-
0.6
us
t stps
STOP set up time
-
-
0.6
us
tds
SDA set up time
-
-
100
us
tdh
SDA hold time
-
-
0
us
Clock input / Crystal Oscillator
fosc
Resonator frequency
10
-
20
MHz
Load capacitor
-
10
-
pF
Parallel resistance
1M
W
Rise/fall time for external clock input
-
5
-
ns
Duty cycle for external clock input
60
40
%
Misc. timing
tSYNC
External FSI cycle time
-
2
-
frame
tPU
Chip power up time
100
-
-
us
tPD
Power up delay time
-
10
-
us
tPZ
Power up low-z delay
-
1000
-
ns
VTO analog video output parameters
VTO analog video output parameters
Symbol
Descriptions
Max
Type
(OV7910P)
Type
(OV7410P/
OV7411P)
Min
Units
VTO-P
Video peak signal level
-
2.3
2.4
-
V
VTO-B
Video black signal level
-
0.7
1.2
-
V
VSYNC
Video sync pulse amplitude
-
0.7
0.4
-
V
Ro
Video output load
75
75
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com