Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMB Datasheet(PDF) 2 Page - Electronic devices inc.

Part # TMB
Description  These newly developed bridge assemblies are rated for 3-phase operation at 14,24
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

TMB Datasheet(HTML) 2 Page - Electronic devices inc.

  TMB Datasheet HTML 1Page - Electronic devices inc. TMB Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
30
20
25
0
0
100
200
300
400
500
600
OUTPUT CURRENT DERATING CURVE
FIG.2
NON-REPETITIVE SURGE CURRENT
FIG.3
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
AIR VELOCITY (FPM)
Ee-mail:sales@edidiodes.com
Wwebsite:http:// www.edidiodes.com
*
TMB
100
50
1
2
3
4
6
10
20
30 40
60
8
NUMBER OF CYCLES AT 60 Hz
20
30
70
150
200
300
80 100
EDI reserves the right to change these specifications at any time whthout notice.
700
800
35
15
5
Peak Reverse Voltage, PRV
oC, IR
oC, IR
Max. Pe ak Su rge Cu rre nt, IFSM(8.3ms)
Amp
Tempe rat ure R ange
A
A
ELECTRICAL CHARACTERISTICS at
O
25 C (PE R LEG )
O
300
100
24
TMB14
EDI TYPE NUMBER
Volt
KV
32
32
10
300
300
24
100
10
100
10
14
14
TMB24
TMB3 2
Max. Fwd. Voltage IF = 3.0A VF
3
3
3
8
3
3
8
3
A
B
AC
AC
AC
O
U
T
P
U
T
I
N
P
U
T
4
1
4
1
4
3
11
O
U
T
P
U
T
I
N
P
U
T
4
12
4
3
8
_ -16x 5_
8 DP.THREADED
MOUNTING HOLES
TMB
Dim B
Dim A
14
24
32
5
8 /8
1
16 /8
1
22 /8
1
11 /2
19
25
in.
in.
O
TA=25
C
O
TA=35
C
O
TA=55
C
+
_
+
_
1
7
16
10-32 BRASS
STUDS
@
Max. Rev. Current @ PRV and 25
Max. Rev. Current @ PRV and 100
O
-25 C to + 125 C
Figure 1 PHYSICAL DIMENSIONS STANDARD MODEL
Plastic cover plate is optional



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com