Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE26V12 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # PALCE26V12
Description  28-Pin EE CMOS Versatile PAL Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE26V12 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button PALCE26V12 Datasheet HTML 9Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 10Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 11Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 12Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 13Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 14Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 15Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 16Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AMD
2–318
PALCE26V12 Family
SWITCHING WAVEFORMS
Notes:
1. VT = 1.5 V
2. Input pulse amplitude 0 V to 3.0 V.
3. Input rise and fall times 2 ns–5 ns typical.
tPD
Input or
Feedback
Combinatorial
Output
VT
VT
16072E-7
Combinatorial Output
VT
VT
Input
Output
Input to Output Disable/Enable
16072E-8
tER
tEA
VT
Input or
Feedback
Registered
Output
Registered Output
16072E-9
tS
tCO
VT
tH
VT
Clock
tWH
Clock
Clock Width
VT
tWL
16072E-10
VOH
- 0.5V
VOL
+ 0.5V
VT
VT
tARW
VT
tAR
Asynchronous Reset
16072E-11
Input Asserting
Asynchronous
Reset
Registered
Outputs
Clock
tARR
VT
tCO
VT
VT
tS
tH
tSPR
Input Asserting
Synchronous
Preset
Clock
Registered
Outputs
Synchronous Preset
16072E-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com