Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DBW
Description  Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DBW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DBW Datasheet HTML 1Page - Wall Industries,Inc. DBW Datasheet HTML 2Page - Wall Industries,Inc. DBW Datasheet HTML 3Page - Wall Industries,Inc. DBW Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
DBW Series
Single and Dual Outputs
40 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev C
DERATING CURVES & EFFICIENCY GRAPHS
Figure 1
Figure 2
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
The components used in the above figure are as follows:
C1
C2
C3
C4
C5 & C6
L1
DBW24Sxx-xx
4.7µF/50V
1812MLCC
N/A
4.7µF/50V
1812MLCC
N/A
1000pF/2KV
MLCC
450µH
Common Choke
PMT-048
DBW48Sxx-xx
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
1000pF/2KV
MLCC
830µH
Common Choke
PMT-053



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com