Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9155 Datasheet(PDF) 2 Page - Keysight Technologies

Part # M9155
Description  M9155/6/7C PXI Hybrid Switch Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155 Datasheet(HTML) 2 Page - Keysight Technologies

  M9155 Datasheet HTML 1Page - Keysight Technologies M9155 Datasheet HTML 2Page - Keysight Technologies M9155 Datasheet HTML 3Page - Keysight Technologies M9155 Datasheet HTML 4Page - Keysight Technologies M9155 Datasheet HTML 5Page - Keysight Technologies M9155 Datasheet HTML 6Page - Keysight Technologies M9155 Datasheet HTML 7Page - Keysight Technologies M9155 Datasheet HTML 8Page - Keysight Technologies M9155 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Overview
Features
– A readily scaled integrated
switching solution to satisfy
your unique platform needs
– 0.03 dB insertion loss
repeatability throughout the
operating life
– Typical operating life up to
10 million cycles
– Unmatched isolation of 60 dB
at 26.5 GHz
– Soft front panel is available
for each switch module
Product description
Keysight Technologies, Inc. has been a leading designer and manufacturer of RF and
microwave switches in the global marketplace for more than 60 years. RF and microwave
switches are used extensively in microwave test systems for signal routing between
instruments and devices under test (DUT).
Keysight designs and manufacturers a comprehensive range of RF and microwave
switches to meet your switching requirements. Other than connectorized switches,
Keysight also offers switch modules that operate across a broad frequency range and
come in a variety of configurations. With Keysight’s proven track record in switches (high
performance, quality and reliability), these modules will provide a similar set of standards
of high accuracy and repeatability for automated test and measurement, signal monitoring
and routing applications.
The M9155/6/7C Keysight PXI hybrid switch module series operates from a frequency
range of DC to 26.5 GHz. It is being used in applications such as Automatic Test
Equipment (ATE), RF communications measurement and RF parametric measurements
where a rugged switching module is needed in switching systems.
The PXI hybrid switch module comes in a selection of 3 models; the integration of
Keysight dual SPDT switches, dual transfer switches, and a single SP6T configurations.
These PXI modules provide an exceptional 0.03 dB insertion loss repeatability, high
isolation and low SWR with a long operating life up to 10 million cycles.
Applications
– Automatic test equipment
– RF communications measurement
– RF parametric measurements
Features
– A readily scaled integrated switching solution to satisfy your unique platform needs
– 0.03 dB insertion loss repeatability throughout the operating life
– Unmatched isolation of 60 dB at 26.5 GHz
– Soft Front Panel is available for each switch module
Customer values
– Peace of mind in switch technology from Keysight who has a proven track record of
providing versatile, quality RF and microwave switches
– Reduce downtime for recalibration, improve testing efficiency and hence maximize
throughput
– Maximize measurement accuracy and system flexibility
– The embedded graphical user interface ease the trouble shooting of your PXI systems
02 | Keysight | M9155/6/7C PXI Hybrid Switch Modules DC to 26.5 GHz – Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com