Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9155C Datasheet(PDF) 2 Page - Keysight Technologies

Part # M9155C
Description  M9170A PXI Attenuator/Switch Driver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155C Datasheet(HTML) 2 Page - Keysight Technologies

  M9155C Datasheet HTML 1Page - Keysight Technologies M9155C Datasheet HTML 2Page - Keysight Technologies M9155C Datasheet HTML 3Page - Keysight Technologies M9155C Datasheet HTML 4Page - Keysight Technologies M9155C Datasheet HTML 5Page - Keysight Technologies M9155C Datasheet HTML 6Page - Keysight Technologies M9155C Datasheet HTML 7Page - Keysight Technologies M9155C Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
02 | Keysight | M9170A PXI Attenuator/Switch Driver Module - Data Sheet
Introduction
Keysight Technologies, Inc. now provides an attenuator/
switch driver based on the modular PXI platform with an
emphasis on ease of configuration and operation.
Product description
The Keysight M9170A one-slot PXI attenuator/switch
driver module provides flexible drive control for the
expansive portfolio of Keysight RF & microwave step
attenuators and electromechanical switches. It is a PXI-
hybrid compliant module, which comes with a full-featured
graphical interface soft front panel (SFP) for ease of
control and trigger.
To maximize the PXI chassis slot utilization and improve
testing efficiency, the M9170A is able to drive
a combination of:
– 12 external SPDT switches or
– 4 external SP4T/6T switches or
– 12 external transfer switches or
– 2 external step attenuators
Occupying just a single slot in a PXI chassis,
the M9170A provides an alternative to drive
Keysight’s broad portfolio of standalone
switches and attenuators.
The M9170A also provides over-current
protection.
Overview
Applications
– Automatic Test Equipment (ATE)
– RF communications
– Engineering verification
– RF parametric measurements
– Mid- and high-density signal routing matrix
Features
– Drive up to 12 external SPDT switches, or 4 external
SP4T/6T switches, or 12 transfer switches, or 2
external attenuators 1
– Dual Voltage supply of 5V and 24V
– Dual variation of driving modes: pulsed and
continuous
– Soft front panel provides a dynamic dashboard view
and control of the connected attenuators or switches
– Point-to-point interface cable options available to
facilitate seamless connection between the module
and the various types of Keysight switches and
attenuators
Customer values
– Maximize the PXI chassis slot utilization, which
ultimately improves testing efficiency
– Ensure biasing compatibility with most switches and
attenuators on the market therefore increasing system
flexibility
– Allows quick selection of device models and the
subsequent switch paths or attenuation levels
– Intuitive configuration for all Keysight switches and
attenuators
1. The amount of switches and/or attenuators that can be
simultaneously driven is restricted by the load current of 2A per
bank.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com