Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M9155/6/7C Datasheet(PDF) 3 Page - Keysight Technologies

Part # M9155/6/7C
Description  PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155/6/7C Datasheet(HTML) 3 Page - Keysight Technologies

  M9155/6/7C Datasheet HTML 1Page - Keysight Technologies M9155/6/7C Datasheet HTML 2Page - Keysight Technologies M9155/6/7C Datasheet HTML 3Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 | Keysight | M9169E - Promotional Flyer
For more information on Keysight
Technologies’ products, applications or
services, please contact your local Keysight
office. The complete list is available at:
www.keysight.com/find/contactus
Americas
Canada
(877) 894 4414
Brazil
55 11 3351 7010
Mexico
001 800 254 2440
United States
(800) 829 4444
Asia Pacific
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 11 2626
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Other AP Countries
(65) 6375 8100
Europe & Middle East
Austria
0800 001122
Belgium
0800 58580
Finland
0800 523252
France
0805 980333
Germany
0800 6270999
Ireland
1800 832700
Israel
1 809 343051
Italy
800 599100
Luxembourg
+32 800 58580
Netherlands
0800 0233200
Russia
8800 5009286
Spain
800 000154
Sweden
0200 882255
Switzerland
0800 805353
Opt. 1 (DE)
Opt. 2 (FR)
Opt. 3 (IT)
United Kingdom
0800 0260637
For other unlisted countries:
www.keysight.com/find/contactus
(BP-9-7-17)
DEKRA Certified
ISO9001 Quality Management System
www.keysight.com/go/quality
Keysight Technologies, Inc.
DEKRA Certified ISO 9001:2015
Quality Management System
This information is subject to change without notice.
© Keysight Technologies, 2015, 2018
Published in USA, February 6, 2018
5992-0551EN
www.keysight.com
myKeysight
www.keysight.com/find/mykeysight
A personalized view into the information most relevant to you.
http://www.keysight.com/find/emt_product_registration
Register your products to get up-to-date product information and
find warranty information.
Keysight Services
www.keysight.com/find/service
Keysight Services can help from acquisition to renewal across your
instrument’s lifecycle. Our comprehensive service offerings—one-
stop calibration, repair, asset management, technology refresh,
consulting, training and more—helps you improve product quality
and lower costs.
Keysight Assurance Plans
www.keysight.com/find/AssurancePlans
Up to ten years of protection and no budgetary surprises to ensure
your instruments are operating to specification, so you can rely on
accurate measurements.
Keysight Channel Partners
www.keysight.com/find/channelpartners
Get the best of both worlds: Keysight’s measurement expertise and
product breadth, combined with channel partner convenience.
www.keysight.com/find/mta
www.keysight.com/find/modular
www.keysight.com/find/PXIattenuator
Recommended Configuration
M9018A
PXIe Chassis, 18-slots, 4U, 8 GB/s
M9393A
PXIe Performance Vector Signal Analyzer: 9 kHz to 27 GHz
M9300A
PXIe Frequency Reference: 10 MHz and 100 MHz
M9037A
PXIe High Performance Embedded Controller
M9169E
PXI Switchable-Input Programmable Step Attenuator Module, DC to 50 GHz
Related Products
M9362AD01
PXIe Quad Downconverter: 10 MHz to 50 GHz
M9352A
PXI Hybrid Amplifier/Attenuator
M9155/6/7C
PXI Switch Modules, DC to 26.5 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com