Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD64012 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PD64012
Description  12-channel PoE Manager
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD64012 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PD64012 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 13Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 14Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 15Page - List of Unclassifed Manufacturers PD64012 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PD64012
12-CHANNEL PoE MANAGER
Applications
The PD64012 may be integrated into a number of applications, ranging from daughter boards to full integration into
Ethernet switches. Examples of such applications are:
Integrated directly in a switch – facilitates the entire PoE concept, by including the ASIC(s) on the main switch PCB.
Daughter board add-on – in which the ASIC is integrated into a small PCB for PoE, mounted on top of the switch’s
main PCB.
Midspan units – stand alone devices, installed between the Ethernet switch and powered devices (telephone,
camera, wireless LAN, etc..). These Midspan units include the PD64012 ASIC as a PoE control element, to inject
power over the communication lines.
Figures 7 thru 10 provide detailed schematic diagrams for various applications of the PD64012.
To
Opto
Couplers
VPeri
MISO
SCK
CS_0
CS_1
MOSI
Ex_Reg
Reset
SDA
SCL
Disable_Ports
100n
45.3k
2R
Vport_Pos_1
Vport_Neg_1
Vport_Pos
Vport_Neg
Vport_Sense
Vport_Pos
Vport_Neg
Vport_Sense
Vport_Pos_12
Vport_Neg_12
x12
x12
+48VMain
VPeri
Sense_Neg
SPI
Communication
Bus
R1
R2
R3
R4
ASIC_INI
I2C_INI
ADC2P5
Figure 7 - Single-port Application with AC Disconnect Support
Vmain
Ex_Reg
Ref_Port_Neg
Vperi
100n
Vcc2P5
ADC2P5
IRef
VMain
3.3V (VPeri)
4.7u
100n
100n
100n
1u
47n
100n
CP_In
CP_Out
24.9K
2.5V
Figure 8 - Typical Power Filtering
www.powerdsine.com
© PowerDsine 2003
Information in this document subject
06-0003-058 (Rev. 2.8) / 5 August 2004
to change without prior notice.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com