Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBW150-48S3.3-RTF Datasheet(PDF) 12 Page - Wall Industries,Inc.

Part # DCHBW150-48S3.3-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-48S3.3-RTF Datasheet(HTML) 12 Page - Wall Industries,Inc.

Back Button DCHBW150-48S3.3-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-48S3.3-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-48S3.3-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-48S3.3-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-48S3.3-RTF Datasheet HTML 9Page - Wall Industries,Inc. DCHBW150-48S3.3-RTF Datasheet HTML 10Page - Wall Industries,Inc. DCHBW150-48S3.3-RTF Datasheet HTML 11Page - Wall Industries,Inc. DCHBW150-48S3.3-RTF Datasheet HTML 12Page - Wall Industries,Inc. DCHBW150-48S3.3-RTF Datasheet HTML 13Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 12 of 13
MODEL NUMBER SETUP
Through Hole Models
DCHBW
150
-
24
S
12
-
P
SY
Series Name
Output Power
Input Voltage
Output Quantity Ouptut Voltage
Remote On/Off + Pin Length
Sync Pin
150: 150 Watts
24: 8.5~36VDC
S: Single
3.3: 3.3VDC
None: Positive Logic, 0.200” Pin Length
SY: Sync Pin
9~36VDC
05: 5VDC
S: Positive Logic, 0.145” Pin Length
48: 16.5~75VDC
12: 12VDC
R: Negative Logic, 0.200” Pin Length
110: 43~160VDC
15: 15VDC
RL: Negative Logic, 0.145” Pin Length
24: 24VDC
28: 28VDC
48: 48VDC
CP
TH
HS
Case Pin
Through-Hole Inserts
Heatsink
CP: Case Pin
TH: No Thread
HS: 7G-0021A-F; H=0.45”
H1: 7G-0022A-F; H=0.24”
H2: 7G-0023A-F; F=0.24”
H3: 7G-0024A-F; F=0.45”
MODEL NUMBER SETUP
Terminal Block Types
DCHBW
150
-
24
S
12
-
P
TF
Series Name
Output Power
Input Voltage
Output Quantity Ouptut Voltage
Remote On/Off + Pin Length
Terminal Block
150: 150 Watts
24: 8.5~36VDC
S: Single
3.3: 3.3VDC
None:
Positive Logic,
0.200” Pin Length
T: No EMC Filter
9~36VDC
05: 5VDC
R: Negative Logic,
0.200” Pin Length
TF: EMC Filter(1)
48: 16.5~75VDC
12: 12VDC
TF1:EMC Filter that can be
connected to PE(1)
110: 43~160VDC
15: 15VDC
24: 24VDC
28: 28VDC
48: 48VDC
Notes:
1. These integraded filters meet EN55032 Class A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com