Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBW150-48S05-RTF Datasheet(PDF) 10 Page - Wall Industries,Inc.

Part # DCHBW150-48S05-RTF
Description  Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-48S05-RTF Datasheet(HTML) 10 Page - Wall Industries,Inc.

Back Button DCHBW150-48S05-RTF Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 8Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 9Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 10Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 11Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 12Page - Wall Industries,Inc. DCHBW150-48S05-RTF Datasheet HTML 13Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev G
DCHBW150 SERIES
Up to 182 Watts
Half-Brick DC/DC Converter
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 10 of 13
RECOMMENDED PAD LAYOUT
Notes:
1. All dimensions in inch [mm]
2. Pad Size (Lead free recommended)
3. Through Hole 1,2,3,4,6,7,8,10: Φ0.051 [1.30]
4. Through Hole 5, 9: Φ0.091 [2.30]
5. Through Hole of Mounting: Φ0.126 [3.20]
6. Top View Pad 1,2,3,4,6,7,8,10: Φ0.064 [1.63]
7. Top View Pad 5, 9: Φ0.113 [2.88]
8. Top View Pad of Mountin
g: Φ0.157 [4.00]
9. Bottom View Pad 1,2,3,4,6,7,8,10: Φ0.102 [2.60]
10. Bottom View Pad 5,9
: Φ0.181 [4.60]
11. Bottom View Pad of Mounting: Φ0.252 [6.40]
THERMAL CONSIDERATIONS
The power module operates in a variety of thermal environments.
However, sufficient cooling should be provided to help ensure reliable operation of the unit.
Heat is removed by conduction, convection, and radiation to the surrounding environment.
Proper cooling can be verified by measuring the point as the figure below.
The temperature at this location should not exceed 115ºC.
When operating, adequate cooling must be provided to maintain the test point temperature at or below 115ºC.
Although maximum point temperature of the power modules is 115ºC, you can limit this temperature to a lower value for extremely high
reliability.
•Thermal test condition with vertical direction by natural convection (20LFM)
•The iron base-plate dimension is 19” x 3.5” x 0.063” (The height is EIA standard 2U)
•The heat-sink is optional and P/N: 7G-0021A-F, 7G-0022A-F, 7G-0023A-F, 7G-0024A-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com