Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2410 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C2410
Description  PCI-X Clock Buffers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2410 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C2410 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8593B
01/12/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2410
PCI-X Clock Buffers
Pin Description
n
i
Pe
p
y
Ty
t
Ql
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D
6
1
,
7
1
,
0
2
,
1
2O
4
]
3
:
0
[
T
U
O
e
h
t
e
v
a
h
t
s
u
m
s
t
u
p
t
u
o
l
l
a
,
y
a
l
e
d
t
u
p
t
u
o
o
t
t
u
p
n
i
o
r
e
z
e
v
e
i
h
c
a
o
T
.
s
t
u
p
t
u
o
k
c
o
l
C
.
g
n
i
d
a
o
l
e
m
a
s
,
3
1
,
2
1
,
1
1
4
1
I4
]
3
:
0
[
E
O
e
r
a
s
t
u
p
t
u
o
]
3
:
0
[
T
U
O
,
w
o
l
s
i
E
O
n
e
h
W
.
p
u
d
e
l
l
u
p
,
e
l
b
a
n
E
t
u
p
t
u
O
h
g
i
h
e
v
i
t
c
A
.
e
t
a
t
s
w
o
l
t
a
d
e
l
b
a
s
i
d
9O
1
T
U
O
B
F
e
h
t
e
v
a
h
t
s
u
m
T
U
O
B
F
,
y
a
l
e
d
t
u
p
t
u
o
o
t
t
u
p
n
i
o
r
e
z
e
v
e
i
h
c
a
o
T
.
t
u
p
t
u
o
k
c
a
b
d
e
e
F
.
]
3
:
0
[
T
U
O
s
a
g
n
i
d
a
o
l
e
m
a
s
8I
1
N
I
B
F.
t
u
p
n
i
k
c
a
b
d
e
e
F
4
2I
1
N
I
K
L
C.
k
c
o
l
C
t
u
p
n
I
3I
1
#
F
H
.
p
u
d
e
l
l
u
p
,
e
g
n
a
r
y
c
n
e
u
q
e
r
F
h
g
i
H
.
h
g
i
H
=
"
0
"
,
w
o
L
=
"
1
"
5
,
4I
2
]
1
,
0
[
V
I
D.
p
u
d
e
l
l
u
p
,
t
c
e
l
e
S
r
e
i
l
p
i
t
l
u
M
/
r
e
d
i
v
i
D
2
2
,
5
1
,
0
1
,
2P
4
V C
C
r
e
w
o
p
V
3
.
3
9
1
,
8
1
,
7
,
6P
4
D
N
Gd
n
u
o
r
G
3
2P
1
V
A
C
C
r
e
w
o
p
g
o
l
a
n
a
V
3
.
3
1P
1
D
N
G
Ad
n
u
o
r
g
g
o
l
a
n
A
Supply Voltage (VCC, AVCC) ................................................ 0.5Vto+4.6V
Input Voltage ................................................................ –0.5VtoVcc+0.5V
Industrial Operating Temperature ....................................... -40°C to +85°C
Storage Temperature ........................................................ –65°C to +150°C
Junction Temperature ....................................................................... 150°C
Input ESD MIL-883, Method 3015, human body model ....................... 2kV
Absolute Maximum Ratings
Operating Condition
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D.
n
i
M.
x
a
Ms
t
i
n
U
V C
C
V
A
,
C
C
y
l
p
p
u
S
e
r
o
C
g
o
l
a
n
A
,
y
l
p
p
u
S
O
/
I0
.
36
.
3V
TA
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
l
a
i
r
t
s
u
d
n
I0
4
–5
8
+C
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com