Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1110 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP1110
Description  Dual Bootstrapped, 12V MOSFET Driver with Output Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1110 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP1110 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1110 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LP1110-00
Oct.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 8
Preliminary Datasheet LP1110
Function Diagram
OTP
UVLO
LOGIC
Anti-Cross
Conduction
VCC
PWM
EN
BST
DRVH
SWN
DRVL
PGND
VCC
Timing Diagram
EN
DRVH or DRVL
VEN_LO
90%
VEN_HI
TpdlEN
TpdhEN
10%
Figure1. EN Timing waveforms
PWM
DRVL
DRVH-SWN
SWN
VPWM_HI
90%
10%
VPWM_LO
90%
10%
10%
90%
TpdlDRVL TfDRVL
2V
TpdhDRVH
10%
90%
TrDRVH
TpdlDRVH TfDRVH
TpdhDRVL
2V
TrDRVL
Figure2. Input-Output Timing waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com