Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1111 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP1111
Description  Dual Bootstrapped, 12V MOSFET Driver with Output Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1111 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP1111 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1111 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP1111-00
Nov.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP1111
Functional Pin Description
Package Type
Pin Configurations
SOP8
Pin
Name
Description
1
BST
Upper MOSFET Floating Bootstrap Supply. A capacitor connected between BST and
SW pins holds this bootstrap voltage for the high-side MOSFET as it is switched. The
recommended capacitor value is between 100nF and 1.0μF. An external diode is
required with the LP1111.
2
PWM
Logic-Level Input. This pin has primary control of the drive outputs.
3
EN
Output Disable. When low, normal operation is disabled forcing DRVH and DRVL low.
4
VCC
Input Supply. A 1.0μF ceramic capacitor should be connected from this pin to PGND.
5
DRVL
Output drive for the lower MOSFET.
6
PGND
Power Ground. Should be closely connected to the source of the lower MOSFET.
7
SWN
Switch Node. Connect to the source of the upper MOSFET.
8
DRVH
Output drive for the upper MOSFET.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com