Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6303 Datasheet(PDF) 11 Page - Lowpower Semiconductor inc

Part # LP6303
Description  Buck 2A, 3-Channel Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6303 Datasheet(HTML) 11 Page - Lowpower Semiconductor inc

Back Button LP6303 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LP6303-01
Apr.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 11 of 11
Preliminary Datasheet
LP6303
Packaging Information
TOP VIEW
Recommended Layout Pattern
Bottom View
Side View
Symbol
Dimension
Dimension
Min.
Max.
Symbol
Typ.
A
0.18
0.30
M
2.60
C
0.45
0.55
N
2.60
D
3.95
4.05
O
0.30
E
3.95
4.05
P
0.80
D1
2.30
2.70
Q
0.50
E1
2.30
2.70
R
4.70
L
035
0.45
S
4.70
H
0.80
1.00
H1
0.17
0.25
H2
0.00
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com