Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6312 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP6312
Description  Buck 2A, 2-Channel Power Management IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6312 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP6312 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LP6312-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 12
Preliminary Datasheet
LP6312
Application Information
Output Voltage Setting
Each of the regulators output voltage can be set via a
resistor divider (ex. R1, R2). The output voltage is
calculated by following equation:
OUT1
R1
V
0.6
0.6 V
R2
LX1
FB1
GND
L1
1.5μH
C10
(Optional)
VOUT1
1.1 V
R1
68KΩ
R2
82KΩ
The following table lists common output voltage and
the corresponding R1, R2 resistance value for
reference.
VOUT
R1
R2
Tolerance
3.3V
510KΩ
110KΩ
1%
1.8V
200KΩ
100KΩ
1%
1.5V
150KΩ
100KΩ
1%
1.1V
68KΩ
82KΩ
1%
Output Inductor Selection
The output inductor selection mainly depends on the
amount of ripple current through the inductor ∆IL.
Large ∆IL will cause larger output voltage ripple and
loss, but the user can use a smaller inductor to save
cost and space.
On the contrary, the larger
inductance can get smaller ∆IL and thus the smaller
output voltage ripple and loss. But it will increase
the space and the cost. The inductor value can be
calculated as:
PWR
OUT
OUT
L
SW
PWR
V
V
V
L
ΔI
F
V

For most applications, 1.0uH to 4.7uH inductors are
suitable for LP6312
Power Dissipation
The total output power dissipation of LP6312 should
not to exceed the maximum 5W range. The total
output power dissipation can be calculated as:
PD(TOTAL)=VOUT1×IOUT1+VOUT2×IOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com