Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6460A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6460A
Description  600KHz, 16V/2A Synchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6460A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6460A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6460A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6460A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6460A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6460A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6460A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6460A Datasheet HTML 7Page - Lowpower Semiconductor inc LP6460A Datasheet HTML 8Page - Lowpower Semiconductor inc LP6460A Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP6460A-00
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Preliminary Datasheet
LP6460A
Functional Pin Description
Package Type
Pin Configurations
SOT23-6
FB
1
2
3
4
5
6
GND
BS
SW
VIN
EN
Top View
Pin Description
Pin
Name
Description
1
BS
High-Side Gate Drive Boost Input. Connect a 0.01uF or greater capacitor from SW to BS to
power the high side switch.
2
GND
Ground.
3
FB
Feedback Input. Connect FB to the center point of the external resistor divider. Normal
voltage for this pin is 0.6V.
4
EN
Enable Control Input. Drive EN above 1.8V to turn on the Channel. Drive EN below 0.4V to
turn it off.
5
VIN
Voltage supply.
6
SW
Switch Mode Connection to Inductor. This pin connects to the drains of the internal main
and synchronous power MOSFET switches.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com