Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6493A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6493A
Description  30V 3.5A Synchronous Buck Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6493A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6493A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6493A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6493A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6493A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6493A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6493A Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LP6493-02
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 6
Preliminary Datasheet
LP6493
Functional Pin Description
Package Type
Pin Configurations
SOP8
FB
CS
GND
VIN
GND
GND
SW
SW
1
2
3
4
5
6
7
8
Pin Description
Pin
Name
Description
1
FB
Voltage Feedback. The feedback voltage is 0.6V.
2
CS
Output Current Sense PIN.
3
GND
Ground.
4
VIN
Input Supply Voltage.
5,6
SW
Switch PIN.
7,8
GND
Power Ground.
Function Diagram
SW
CURRENT
SENSE
DRIVER
LOGIC
EA
PWM
COMP
OSC
SOFT
START
0.6V
PG
NG
REF
LDO
PROTECT
VIN
FB
VSUM
GND
EA
BUFF
CS
54mV/66mV
CABLE
COMPENSATION
HICCUP
LOGIC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com