Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400A Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP28400A
Description  2 cell Li-ion Battery Charge from 3V~12V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400A Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP28400A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28400A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400A Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400A Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400A Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP28400A – 02
Sep.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP28400A
Absolute Maximum Ratings
Note 1
VIN,LX, RS,VBAT,PB to GND ------------------------------------------------------------------------------------------------------0.3V to 18V
VL to GND ------------------------------------------------------------------------------------------------------------------------------- -0.3V to 6V
REG,STAT to GND ----------------------------------------------------------------------------------------------------------- -0.3V to VL+0.3V
Maximum Junction Temperature ---------------------------------------------------------------------------------------------------------- 150°C
Operating Junction Temperature Range (TJ) --------------------------------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (ESOP8, PD,TA=25°C) ------------------------------------------------------------------------------- 2.0W
Thermal Resistance (ESOP8,JA) -------------------------------------------------------------------------------------------------------- 46℃/W
ESD Susceptibility
HBM(Human Body Mode) Note 2 ------------------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) Note 3--------------------------------------------------------------------------------------------------------------------- 200V
Note 2.
The Human body model (HBM) is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin. The testing is done according
JEDEC.
Note 3.
Machine Model (MM) is a 200pF capacitor discharged through a 500nH inductor with no series resistor into each pin. The testing is
done according JEDEC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com