Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28601 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28601
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management竊똀dapter Adaptive and OTG
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28601 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28601 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LP28601-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 12
Preliminary Datasheet
LP28601
Pin Description
Pin
Name
Description
1
VDDP
Internal LDO output. Connect a decoupling 4.7uF capacitor to GNDP.
2
BST
Positive supply for the high side driver. A 0.22µF capacitor should be placed between BST and LX.
3
LX
Switching Node Connection.
4
HDR
High side drive gate.
5
GNDP
Ground for Power section.
6
LDR
Low side drive gate.
7
STAT
Indicates charge status. Active low when charging is on. STAT will blink with timeout, VSYS-OVP, NTC fault.
8
NTC
Connect a 10K NTC resistor to GNDA, 100uA(constant current source) current output from NTC pin.
9
COMP
Compensation pin, a 2.2nF ceramic capacitor is needed from COMP to GNDA.
10
REG
Input voltage feedback for the input voltage regulation loop. Connect to tap of an external resistor divider
from VBUS to GNDA to program the input voltage regulation. Once the voltage at REG pin drops to the
inner threshold, the charge current is reduced to maintain the input voltage at the regulation value.
11
ILIM
Adapter current limit setting pin. A resistor RILIM is needed from ILIM to GNDA. Adapter current is
programmed by: ILIM=550×2V/RILIM. This pin could not be floating.
Recommend: 40K> RILIM >0.37K. The chip would set the max input current limit when 0.37K> RILIM.
12
ISET
Charging current setting pin, a resistor RISET is needed from ISET to GNDA. CC current is programmed
by ICHG=1500V/RISET . The internal reference for ISET comparator is 1.5V when VBAT>VTRIKL.
Recommend: 6.8K> RISET >0.43K.
13,29
GNDA
Ground for the analog circuits.
14
FULL
Battery full indication pin, active low.
15
VB
Programmable battery-full voltage. Connect to GND for 4.35V, leave floating to 4.2V, and connect to
VDDA for 4.3V.
16
SYSSEL
Programmable VSYS minimum voltage. Connect to GND for 3V, leave floating to 3.3V, and connect to
VDDA for3.5V.
17
OTG
USB On-The-Go function enable pin, active low. With 1MΩ internal resistor pulls up. When OTG active,
the charge function is disable. This pin must be high voltage to charge the battery.
18
Boost
Boost function enable pin, active high. With 1MΩ internal resistor pulls up.
19
IREF
Current reference generator. A 100k resistor connect to GNDA, internal voltage reference is 1V.
20
VDDA
Power supply for the internal analog circuit.
21,22
VBAT
Battery charger output and battery voltage sense pin. Connect to battery cell.
23,24
VSYS
System voltage output.
25,26
VBUS
USB or adapter input.
27,28
VDC
A capacitor is needed from this pin to GNDP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com