Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400ACQVF Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28400ACQVF
Description  2 cell Li-ion Battery Charge from 3V~12V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400ACQVF Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP28400ACQVF Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400ACQVF Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400ACQVF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400ACQVF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400ACQVF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400ACQVF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400ACQVF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400ACQVF Datasheet HTML 9Page - Lowpower Semiconductor inc LP28400ACQVF Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LP28400A – 02
Sep.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 10
Preliminary Datasheet
LP28400A
Function Description
LP28400A is a wide range VIN(3V-12V), 1.5A
two-cell asynchronous boost Li-Ion battery charger
integrates 1MHz switching frequency and full
protection functions. The charge current up to 1.5A
can be programmed by using the external resistor for
different portable applications and indicates the
charger current information simultaneous.
It also has an adaptive input current limit for safety
battery charge operation. It consists of 18V rating
FETs with extremely low ON resistance to achieve
high charge efficiency and simple peripheral circuit
design.
Battery Charge Mode
If the plug in input voltage VIN is higher than VBAT,
the switching block will stop work to keep LX pin in
high resistance and PB will control the external
PMOS` VGS to match the battery voltage. Under this
condition, the Boost charger function stops work and
regulates the external FET works in linear charge
mode. Whether the circuit work in Boost mode or
Linear mode, the constant charge current is
programmed by Rsense with:
SENSE
RSENSE
R
V
BAT
I
Which VRSENSE=50mV
The circuit would work in trickle charge mode when
battery voltage below 6V with VRSENSE=10mV. The
terminal charge current would be programmed by
VRSENSE=5mV.
During the charging mode, constant (trickle) charging
current loop is active first. When VBAT equals to
constant voltage threshold, constant voltage loop
takes over and pull down the charging current. When
IBAT is lower than the termination current threshold
ITERM, the main FET of boost charger is turned off
firstly. External PMOS are turned off when the
current is down to zero. Then, LP28400A is waiting
for recharge mode.
Input Source Qualification
After REGN amplifier powers up, the LP28400A
checks the current capability of the input source. The
input source has to meet the VREG>1V to enable the
chip.
Number of Charge Cell Selection (QFN-16)
The number of charge cell can be programmed by
changing the connection of CELLS Pin (QFN-16
package only). Connect CELLS Pin to GND is
provide for 3 cells charging, leave floating for 2 cells,
and connect to VL for 4 cells.
CELLS Pin Connected
Charge Cells
Floating(No connected)
2
GND
3
VL
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com