Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9080 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 16Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
SECTION 1
PCI 9080
GENERAL DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 5
Version 0.93
1.4 COMPARISON OF PCI 9060, PCI 9060ES, PCI 9060SD, AND PCI 9080
Table 1-3. Comparison of the PCI 9060, PCI 9060ES, PCI 9060SD, and PCI 9080
Feature
PCI 9060 rev 3
PCI 9060ES
PCI 9060SD
PCI 9080
Number of DMA Channel(s)
2
0
1
2
Local Address Spaces
2
2
3
3
Direct Master Mode
Yes
Yes
No
Yes
Mailbox Registers
Eight 32 bit
Four 32 bit
Four 32 bit
Eight 32 bit
Doorbell Registers
Two 32 bit
Two 8 bit
Two 8 bit
Two 32 bit
FIFOs
8
4
6
8
FIFO Depth—Direct Slave Write, Direct Master
Write, DMA 0 Read and DMA 0 Write
8 Lwords
(32 bytes)
16 Lwords
(64 bytes)
16 Lwords
(64 bytes)
32 Lwords
(128 bytes)
FIFO Depth —Direct Slave Read, Direct Master
Read, DMA 1 Read and DMA 1 Write
8 Lwords
(32 bytes)
16 Lwords
(64 bytes)
16 Lwords
(64 bytes)
16 Lwords
(64 bytes)
LLOCKo# Pin for Lock Cycles
No
Yes
Yes
Yes
WAITI# Pin for Wait State Generation
No
Yes
Yes
Yes
BPCLKO Pin; Buffered PCI Clock
No
Yes
Yes
Yes
DREQ and DACK Pins for Demand Mode
DMA Support
Yes
No
Yes
(Channel 1 only)
Yes
Register Addresses
—
Identical except
9060ES has no
DMA registers and
Tables 25, 26 and 43
were added
Identical, except
9060SD has one DMA
register and Tables 25
and 26 were added
Identical except 9080
has additional I2O
related registers and
30H, 34H, 40H and
44H were remapped
Pinout
—
Signals deleted:
DREQ0 (PIN 29)
DACK0 (PIN 30)
Input signals added:
WAITI (PIN 6)
BIGEND# (PIN 48)
Output signals added:
BPCLK (PIN 168)
LLOCKo (PIN 7)
Signals deleted:
BREQ0 (PIN 21)
DMPAF# (PIN 8)
DREQ0 (PIN 29)
DACK0 (PIN 30)
BTERMo# (PIN 28)
Input signals added:
WAITI (PIN 6)
BIGEND# (PIN 48)
EOT (PIN 164 in
C MODE, PIN 5 in
J and S modes)
Output signals added:
BPCLK (PIN 168)
LLOCKo (PIN 7)
Signals changed:
PCIVOLT (PIN 170)
EESEL (PIN 175)
Big/Little Endian Conversion
No
Yes
Yes
Yes
Spec. 2.1 Deferred Reads
No
Yes
Yes
Yes
Programmable Prefetch Counter
No
Yes
Yes
Yes
Write and Invalidate Cycle
No
Yes
Yes
Yes
Additional Device and Vendor ID Register
No
Yes
Yes
Yes
I2O Messaging Unit
No
No
No
Yes
3.3 V PCI Bus Signaling
No
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com