Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F818-E/P Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 31Page - Microchip Technology PIC16F818-E/P Datasheet HTML 32Page - Microchip Technology PIC16F818-E/P Datasheet HTML 33Page - Microchip Technology PIC16F818-E/P Datasheet HTML 34Page - Microchip Technology PIC16F818-E/P Datasheet HTML 35Page - Microchip Technology PIC16F818-E/P Datasheet HTML 36Page - Microchip Technology PIC16F818-E/P Datasheet HTML 37Page - Microchip Technology PIC16F818-E/P Datasheet HTML 38Page - Microchip Technology PIC16F818-E/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 33
PIC16F818/819
4.0
OSCILLATOR
CONFIGURATIONS
4.1
Oscillator Types
The PIC16F818/819 can be operated in eight different
oscillator modes. The user can program three configu-
ration bits (FOSC2:FOSC0) to select one of these eight
modes
(modes
5-8
are
new
PIC16
oscillator
configurations):
1.
LP
Low-Power Crystal
2.
XT
Crystal/Resonator
3.
HS
High-Speed Crystal/Resonator
4.
RC
External Resistor/Capacitor with
FOSC/4 output on RA6
5.
RCIO
External Resistor/Capacitor with
I/O on RA6
6.
INTIO1
Internal Oscillator with FOSC/4
output on RA6 and I/O on RA7
7.
INTIO2
Internal Oscillator with I/O on RA6
and RA7
8.
ECIO
External Clock with I/O on RA6
4.2
Crystal Oscillator/Ceramic
Resonators
In XT, LP or HS modes, a crystal or ceramic resonator
is connected to the OSC1/CLKI and OSC2/CLKO pins
to establish oscillation (see Figure 4-1 and Figure 4-2).
The PIC16F818/819 oscillator design requires the use
of a parallel cut crystal. Use of a series cut crystal may
give a frequency out of the crystal manufacturer’s
specifications.
FIGURE 4-1:
CRYSTAL OPERATION
(HS, XT OR LP OSC
CONFIGURATION)
TABLE 4-1:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR (FOR
DESIGN GUIDANCE ONLY)
Note
1: See Table 4-1 for typical values of C1 and C2.
2: A series resistor (RS) may be required for AT
strip cut crystals.
3: RF varies with the crystal chosen (typically
between 2 M
Ω to 10 MΩ).
C1(1)
C2(1)
XTAL
OSC2
RS(2)
OSC1
RF(3)
Sleep
To Internal
Logic
PIC16F818/819
Osc Type
Crystal
Freq
Typical Capacitor Values
Tested:
C1
C2
LP
32 kHz
33 pF
33 pF
200 kHz
15 pF
15 pF
XT
200 kHz
56 pF
56 pF
1 MHz
15 pF
15 pF
4 MHz
15 pF
15 pF
HS
4 MHz
15 pF
15 pF
8 MHz
15 pF
15 pF
20 MHz
15 pF
15 pF
Capacitor values are for design guidance only.
These capacitors were tested with the crystals listed
below for basic start-up and operation. These values
were not optimized.
Different capacitor values may be required to produce
acceptable oscillator operation. The user should test
the performance of the oscillator over the expected
VDD and temperature range for the application.
See the notes following this table for additional
information.
Note 1: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time.
2: Since each crystal has its own character-
istics, the user should consult the crystal
manufacturer for appropriate values of
external components.
3: RS may be required in HS mode, as well
as XT mode, to avoid overdriving crystals
with low drive level specification.
4: Always verify oscillator performance over
the VDD and temperature range that is
expected for the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com