Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB6B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PUSB6B
Description  STEERING DIODE / TVS ARRAY COMBO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PUSB6B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PUSB6B Datasheet HTML 1Page - List of Unclassifed Manufacturers PUSB6B Datasheet HTML 2Page - List of Unclassifed Manufacturers PUSB6B Datasheet HTML 3Page - List of Unclassifed Manufacturers PUSB6B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PUSB3B
thru
PUSB6B
1
05101.R4 3/05
www.protekdevices.com
STEERING DIODE / TVS ARRAY COMBO
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ USB Power & Data Line Protection
✔ RS-422 & RS-485 Network Protection
✔ Computer I/O Ports
✔ Audio/Video Inputs
✔ Microcontroller Interface Protection
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
FEATURES
✔ 500 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ ESD Protection > 40 kilovolts
✔ Protects Two (2) I/O Ports and Bus Lines
✔ Available in 2 Voltage Types 3.3V & 5V
✔
✔
✔
✔
✔ LOW CAPACITANCE: 15pF
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-8 Package
✔ Weight 70 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability rating UL 94V-0
✔ 12mm Tape and Reel Per EIA Standard 481
✔ Marking: Logo, Marking Code, Date Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATION
SO-8
1
2
4
8
3
5
6
7


Similar Part No. - PUSB6B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PUSB6B PROTEC-PUSB6B Datasheet
72Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
PUSB6B PROTEC-PUSB6B Datasheet
513Kb / 6P
500 WATT low capacitance steering diode/TVS ARRAY
PUSB6B-LF-T13 PROTEC-PUSB6B-LF-T13 Datasheet
72Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
PUSB6B-T13 PROTEC-PUSB6B-T13 Datasheet
72Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
PUSB6B PROTEC-PUSB6B_12 Datasheet
514Kb / 6P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PUSB6B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
STEERING DIODE/TVS ARRAY COMBO
PSR05 PROTEC-PSR05 Datasheet
87Kb / 5P
STEERING DIODE/TVS ARRAY COMBO
PSRDA3.3-6 PROTEC-PSRDA3.3-6 Datasheet
87Kb / 5P
STEERING DIODE/ TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
STEERING DIODE/ TVS ARRAY COMBO
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
STEERING DIODE/TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
Steering Diode/TVS Array Combo
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com