Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PUSB3B
Description  STEERING DIODE / TVS ARRAY COMBO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PUSB3B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PUSB3B Datasheet HTML 1Page - List of Unclassifed Manufacturers PUSB3B Datasheet HTML 2Page - List of Unclassifed Manufacturers PUSB3B Datasheet HTML 3Page - List of Unclassifed Manufacturers PUSB3B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05101.R4 3/05
PUSB3B
thru
PUSB6B
DEVICE CHARACTERISTICS
MAXIMUN RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
@0V, 1 MHz
C
j(SD)
pF
PUSB3B
PUSB6B
PRQ
PRR
4.0
6.0
6.0
7.0
12.9V @ 37A
13.2V @ 35A
15
15
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
125
10
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
5.25
Note 1: Electrical specifications refer to pins 1 to pin 4 or pin 5 to pin 8.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com