Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S818 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S818 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S818 Datasheet HTML 7Page - Seiko Instruments Inc S818 Datasheet HTML 8Page - Seiko Instruments Inc S818 Datasheet HTML 9Page - Seiko Instruments Inc S818 Datasheet HTML 10Page - Seiko Instruments Inc S818 Datasheet HTML 11Page - Seiko Instruments Inc S818 Datasheet HTML 12Page - Seiko Instruments Inc S818 Datasheet HTML 13Page - Seiko Instruments Inc S818 Datasheet HTML 14Page - Seiko Instruments Inc S818 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Rev.1.2
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 Series
Seiko Instruments Inc.
11
(5) OUTPUT VOLTAGE TEMPERATURE DEPENDENCE
S-818A20A
1.96
1.98
2.00
2.02
2.04
-50
0
50
100
Ta(°C)
VIN=3V, IOUT=30mA
S-818A30A
2.94
2.97
3.00
3.03
3.06
-50
0
50
100
Ta(°C)
VIN=4V, IOUT=30mA
S-818A50A
4.90
4.95
5.00
5.05
5.10
-50
0
50
100
Ta(°C)
VIN=6V, IOUT=30mA
(6) LINE REGULATION TEMPERATURE DEPENDENCE
S-818A20/30/50A
0
5
10
15
20
25
30
35
-50050
100
Ta(°C)
V/54=2V
5V
3V
V).=V/54(S)+0.5
↔10V,I/54=30mA
(7) LOAD REGULATION TEMPERATURE DEPENDENCE
S-818A20/30/50A
0
10
20
30
40
50
-50050
100
Ta(°C)
V/54=2V
5V
3V
V).=V/54(S)+1V,I/54=10uA
↔80mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com