Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBB540-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBB540-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBB540-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBB540-HF Datasheet HTML 1Page - Comchip Technology ACDBB540-HF Datasheet HTML 2Page - Comchip Technology ACDBB540-HF Datasheet HTML 3Page - Comchip Technology ACDBB540-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 40 Volts
Forward Current: 5.0 Amp
RoHS Device
Page 1
REV: A
ACDBB540-HF
AQW-JB021
Comchip Technology CO., LTD.
Features
Mechanical data
- High current capability.
- High surge current capability.
Repetitive peak reverse voltage
DC blocking voltage
RMS voltage
Unit
Symbol
Parameter
VRRM
VDC
VRMS
V
V
V
Instantaneous forward voltage
IF = 5A, TA=25°C
VF
40
40
28
0.55
V
Operating Temperature range
TJ
-55
°C
Peak forward surge current
Reverse Current
A
A
mA
Parameter
Conditions
on rate load (JEDEC method)
8.3ms single half sine-wave superimposed
Average forward rectified current
VR = VRRM TA=25°C
,
VR = VRRM T =100°C
, A
Symbol
IF
IFSM
IR
IR
MIN.
TYP.
MAX.
mA
5
100
0.5
10
Unit
Halogen free
Company reserves the right to improve product design , functions and reliability without notice.
Conditions
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
MIN.
TYP.
MAX.
+125
Storage temperature range
TSTG
°C
-55
+150
Circuit diagram
- Low reverse current.
- Case: DO-214AA / SMB, molded plastic.
- Weight: 0.092 grams(approx.).
- Terminals: Lead free plating (Tin finish).
-Solderable per MIL-STD-202, Method 208.
- Epoxy: UL flammability classification rate 94V-0 .
- Polarity: Indicated by cathode band.
SMD Schottky Barrier Rectifiers
- Comply with AEC-Q101
Junction capacitance (Note 1)
f=1MHZ and applied 4V DC reverse Voltage
CJ
pF
300
Note: 1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
0.086 (2.20)
0.077 (1.95)
0.155 (3.94)
0.130 (3.30)
0.180 (4.57)
0.160 (4.06)
0.008(0.20)
Max.
0.012 (0.30)
0.006 (0.15)
0.220 (5.59)
0.201 (5.10)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
DO-214AA (SMB)
Dimensions in inches and (millimeter)
Thermal Resistance
°C/W
Junction to case
RθJC
15


Similar Part No. - ACDBB540-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBB560-HF COMCHIP-ACDBB560-HF Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - ACDBB540-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com