Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACGRAS1W-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACGRAS1W-HF
Description  SMD General Purpose Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACGRAS1W-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACGRAS1W-HF Datasheet HTML 1Page - Comchip Technology ACGRAS1W-HF Datasheet HTML 2Page - Comchip Technology ACGRAS1W-HF Datasheet HTML 3Page - Comchip Technology ACGRAS1W-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD General Purpose Rectifiers
- Glass passivation junction.
Reverse Voltage: 1600 Volts
Forward Current: 1.0 Amp
RoHS Device
Features
- High current capability.
- Low reverse
.
current
- High surge current capability.
Mechanical data
ACGRAS1W-HF
Notes: 1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak
surge current, 8.3ms
forward
single half sine-wave superimposed
on rated load (JEDEC method)
Max. average forward rectified current
Max. DC reverse current at rated TA=25°C
DC blocking voltage
Typical junction capacitance (Note 1)
Operating temperature range
Storage temperature range
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IF
VF
IR
CJ
TJ
TSTG
10
30
1.0
1.2
5
50
-55 to +150
-55 to +150
V
V
V
A
A
V
μA
pF
°C
°C
A
HF
CGRAS1W-
1600
1600
1120
Typical thermal resistance
RθJC
70
°C/W
TA=100°C
IR
- Case: DO-214AC / SMA, molded plastic.
- Weight: 0.062 grams(approx.).
- Terminals: Lead free plating (Tin finish).
Solderable per MIL-STD-202, Method 208.
- Epoxy: UL flammability classification rate 94V-0.
- Polarity: Indicated by cathode band.
Maximum Ratings (at TA=25°C unless otherwise noted)
Circuit diagram
0.065 (1.65)
0.049 (1.25)
0.110 (2.79)
0.100 (2.54)
0.177 (4.50)
0.157 (3.99)
0.008(0.20)
Max.
0.012 (0.305)
0.006 (0.152)
0.208 (5.28)
0.193 (4.90)
0.060 (1.52)
0.030 (0.76)
0.090 (2.29)
0.078 (1.98)
DO-214AC (SMA)
Dimensions in inches and (millimeter)
Max. instantaneous forward voltage
IF=
25°C
1.0A @
Halogen Free
- Comply with AEC-Q101
Page 1
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV: A
AQW-JG009


Similar Part No. - ACGRAS1W-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACGRA4001-HF COMCHIP-ACGRA4001-HF Datasheet
91Kb / 4P
SMD General Purpose Rectifiers
ACGRA4002-HF COMCHIP-ACGRA4002-HF Datasheet
91Kb / 4P
SMD General Purpose Rectifiers
ACGRA4003-HF COMCHIP-ACGRA4003-HF Datasheet
91Kb / 4P
SMD General Purpose Rectifiers
ACGRA4004-HF COMCHIP-ACGRA4004-HF Datasheet
91Kb / 4P
SMD General Purpose Rectifiers
ACGRA4005-HF COMCHIP-ACGRA4005-HF Datasheet
91Kb / 4P
SMD General Purpose Rectifiers
More results

Similar Description - ACGRAS1W-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
SMD General Purpose Rectifiers
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com