Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0U-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDQC5V0U-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0U-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDQC5V0U-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0U-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0U-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD ESD Protection Diode
Page 2
AQW-G7003
REV:C
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
RATING AND CHARACTERISTIC CURVES (ACPDQC5V0U-HF)
10
30
50
70
90
130
0
1
2
3
5
4
110
Reverse Voltage, (V)
Fig.5 - Capacitance Between
Terminals Characteristics
Ta=25°C
f=1MHZ
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig.2 - Power Rating Derating Curve
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
e-t
td= t Ipp/2
Fig.1 - 8/20us Peak Pulse Current
Wave Form Acc. IEC 61000-4-5
Ambient Temperature, ( °C )
Fig.4 - Forward Characteristic
Forward Voltage, ( V )
0.5
0.6
0.7
0.8
1.0
0.4
0.9
0
1
10
100
Ta=100°C
Ta=125°C
Ta=25°C
Ta=50°C
Ta=75°C
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current
6
10
7
8
12
14
5
11
9
13
15
13
Peak Pulse Current, (A)
11
9
7
5
3
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com