Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRUR52C2 Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRUR52C2
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRUR52C2 Datasheet(HTML) 2 Page - Comchip Technology

  CZRUR52C2 Datasheet HTML 1Page - Comchip Technology CZRUR52C2 Datasheet HTML 2Page - Comchip Technology CZRUR52C2 Datasheet HTML 3Page - Comchip Technology CZRUR52C2 Datasheet HTML 4Page - Comchip Technology CZRUR52C2 Datasheet HTML 5Page - Comchip Technology CZRUR52C2 Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
CZRUR52C2
CZRUR52C2V2
CZRUR52C2V4
CZRUR52C2V7
CZRUR52C3
CZRUR52C3V3
CZRUR52C3V6
CZRUR52C3V9
CZRUR52C4V3
CZRUR52C4V7
CZRUR52C5V1
CZRUR52C5V6
CZRUR52C6V2
CZRUR52C6V8
CZRUR52C7V5
CZRUR52C8V2
CZRUR52C9V1
CZRUR52C10
CZRUR52C11
CZRUR52C12
CZRUR52C13
CZRUR52C15
CZRUR52C16
CZRUR52C18
CZRUR52C20
CZRUR52C22
CZRUR52C24
CZRUR52C27
CZRUR52C30
CZRUR52C33
CZRUR52C36
CZRUR52C39
Part Number
Marking
Code
Z0
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
ZA
ZB
ZC
ZE
ZF
ZG
ZH
ZJ
ZK
ZM
ZN
ZP
ZQ
ZR
ZS
ZT
ZU
ZV
ZW
ZX
ZY
ZZ
1.90
2.09
2.28
2.57
2.85
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
Min
Max
2.10
2.31
2.52
2.84
3.15
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.51
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
5
IZ(mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
100
100
85
83
95
95
95
95
95
78
60
40
10
8
7
7
10
15
20
20
25
30
40
50
50
55
80
80
80
80
90
90
Max
5
IZ(mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
600
600
600
500
500
500
500
500
500
500
480
400
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
250
250
250
250
300
Max
1
IZ(mA)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
100
100
100
75
50
25
15
10
5
5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Max
1
VR(V)
1
1
1
1
1
1
1
1
2
0.8
1
2
3
5
7
7.5
8.5
9
10
11
12
14
15
17
18
20
23
25
27
29
6
VZ(V)
ZZT(Ohm)
ZZK(Ohm)
IR(uA)
Zener Voltage
Operating
resistance
Rising
operating
Resistance
Reverse
current
REV:B
O
Electrical Characteristics (TA=25
C)
SMD Zener Diode
QW-A2009
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com