Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC50VB160-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SC50VB160-G
Description  Glass Passivated 3 Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SC50VB160-G Datasheet(HTML) 2 Page - Comchip Technology

  SC50VB160-G Datasheet HTML 1Page - Comchip Technology SC50VB160-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD CHARACTERISTICS
100
10
1.0
0.1
0.01
0.6
0.8
1.0
1.2
1.4
0.4
1.6
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,°C
150
100
20
0
10
30
40
50
50
WITH HEATSINK
NUMBER OF CYCLES AT 60Hz
FIG.1-MAXMUN FORWARD SURGE CURRENT
200
300
100
10
1
350
400
450
500
150
100
50
250
0
PULSE WIDTH 8.3ms
SINGLE HALF-SINE -WAVE
(JEDEC METHOD)
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
0
120
20
40
60
80
100
140
10
1.0
0.1
0.01
100
TJ=25°C
Glass Passivated 3 Phase Bridge Rectifiers
RATINGS AND CHARACTERISTIC CURVES
SC50VB160-G
MSD0905018A
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com