Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8050-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SS8050-G
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS8050-G Datasheet(HTML) 2 Page - Comchip Technology

  SS8050-G Datasheet HTML 1Page - Comchip Technology SS8050-G Datasheet HTML 2Page - Comchip Technology SS8050-G Datasheet HTML 3Page - Comchip Technology SS8050-G Datasheet HTML 4Page - Comchip Technology SS8050-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (SS8050-G)
General Purpose Transistor
Collector Current, Ic (mA)
Fig.2 - hFE — IC
Ta=100°C
1500
1
1
10
1000
100
10
100
1000
Ta= 25°C
Ta=100°C
Collector Current, Ic (mA)
0.2
1.0
1.2
0.8
1
10
100
0.6
Fig.4 - VBEsat — IC
0.4
1500
1000
Ta=100°C
QW-BTR56
Page 2
REV A
:
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
60
80
100
140
120
0.5
1.0
1.5
2.0
2.5
COMMON
EMITTER
Ta=25°C
0
500μA
IB=50μA
450μA
400μA
350μA
300μA
250μA
200μA
150μA
100μA
1
10
1500
10
1000
100
100
1000
Collector Current, Ic (mA)
Fig.3 - VCEsat — IC
Reverse Voltge, (V)
Fig.6 - Cob/Cib — VCB/VEB
100
200
10
1
10
20
1
0.1
f=1MHZ
IE=0/IC=0
Ta=25°C
Cib
Cob
40
20
COMMON EMITTER
VCE=1V
Ta=25°C
β = 10
β = 10
Ta= 25°C
1500
1000
100
10
1
0.4
0.8
0.6
1.2
0.2
1.0
Ta= 25°C
Fig.5 - VBE — IC
Base - Emitter Voltage, VBE (V)
Ta=100°C
COMMON EMITTER
VCE=1V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com