Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T901N Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # T901N
Description  Full blocking 50/60Hz over a wide range temperature range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T901N Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button T901N Datasheet HTML 3Page - Infineon Technologies AG T901N Datasheet HTML 4Page - Infineon Technologies AG T901N Datasheet HTML 5Page - Infineon Technologies AG T901N Datasheet HTML 6Page - Infineon Technologies AG T901N Datasheet HTML 7Page - Infineon Technologies AG T901N Datasheet HTML 8Page - Infineon Technologies AG T901N Datasheet HTML 9Page - Infineon Technologies AG T901N Datasheet HTML 10Page - Infineon Technologies AG T901N Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T901N
Date of Publication: 2011-05-02
Revision: 7.0
Seite/page: 10/11
0-50V
0,33 VRRM
0,67 VRRM
0
2
4
6
8
10
12
14
16
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Anzahl Pulse bei 50Hz Sinus Halbwellen
Number of pulses for 50Hz sinusoidal half wave
Typische Abhängigkeit des Grenzstromes IT(OV)M von der Anzahl für eine Folge von Sinus Halbwellen bei 50Hz.
Parameter: Rückwärtsspannung VRM
Typical dependency of maximum overload on-state current IT(OV)M as a number of a sequence of sinusoidal half waves
at 50Hz. Parameter: peak reverse voltage VRM
IT(OV)M = f (pulses, VRM) ; Tvj = Tvjmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com