Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLO2016 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SLO2016
Description  Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLO2016 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SLO2016 Datasheet HTML 1Page - Infineon Technologies AG SLO2016 Datasheet HTML 2Page - Infineon Technologies AG SLO2016 Datasheet HTML 3Page - Infineon Technologies AG SLO2016 Datasheet HTML 4Page - Infineon Technologies AG SLO2016 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
SLR/SLO/SLG/SLY2016
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
2
March 23, 2000-01
DESCRIPTION (continued)
The character set consists of 128 special ASCII characters for
English, German, Italian, Swedish, Danish, and Norwegian.
All products are 100% burned-in and tested, then subjected to
out-going AQL’s of .25% for brightness matching, visual align-
ment and dimensions, .065% for electrical and functional.
Maximum Ratings
DC Supply Voltage .........................................–0.5 V to +7.0 Vdc
Input Voltage, Respect to GND
(all inputs)............................................–0.5 V to VCC +0.5 Vdc
Operating Temperature ..................................... –40
°C to +85°C
Storage Temperature ....................................... –40
°C to +100°C
Relative Humidity at 85
°C ...................................................85%
Maximum Solder Temperature, 0.063" (1.59 mm)
below Seating Plane, t<5.0 s ........................................ 260
°C
Optical Characteristics
Spectral Peak Wavelength
Red ...................................................................... 660 nm typ.
HER ..................................................................... 635 nm typ.
Green .................................................................. 565 nm typ.
Yellow .................................................................. 585 nm typ.
Digit Height......................................................0.180" (4.57 mm)
Time Averaged Luminous Intensity (1)
at VCC=5.0 V
Red................................................................50
µcd/LED min.
HER/Yellow ...................................................60
µcd/LED min.
Green ............................................................75
µcd/LED min.
LED to LED Intensity Matching, VCC=5.0 V ........... 1.8:1.0 max.
Viewing Angle (off normal axis)
Horizontal ...............................................................±50
° max.
Vertical ...................................................................±75
° max.
Note:
1) Peak luminous intensity values can be calculated by multiplying
these values by 7.
Figure 1. Top View
DC Characteristics at 25
°C
Parameters
Min.
Typ.
Max.
Units
Conditions
VCC
4.5
5.0
5.5
V
—
ICC Blank
—
2.3
3.0
mA
VCC=5.0 V
ICC (80 dots on)
—
80
105
mA
VCC=5.0 V
VIL (all inputs)
—
—
0.8
V
4.5 V <VCC <5.5 V
VIH (all inputs)
2.0
—
—
V
4.5 V <VCC <5.5 V
IIL (all inputs)
25
—
100
µA
4.5 V <VCC <5.5 V, VIN=0.8 V
Digit3
Digit2
Digit1
Digit0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Pin Function
Figure 2. Timing Characteristics—Write Cycle Waveforms
Pin
Function
Pin
Function
1
WR Write
8
D3 Data
2
A1 Digit Select
9
D4 Data
3
A0 Digit Select
10
D5 Data
4
VCC
11
D6 Data
5
D0 Data
12
BL Display Blank
6
D1 Data
13
CLR Clear
7
D2 Data
14
GND
TAS
TDH
TAH
TDS
TACC
TW
WR
CLR
A0 – A1
D0 – D6
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com