Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLY2016 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SLY2016
Description  Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLY2016 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SLY2016 Datasheet HTML 1Page - Infineon Technologies AG SLY2016 Datasheet HTML 2Page - Infineon Technologies AG SLY2016 Datasheet HTML 3Page - Infineon Technologies AG SLY2016 Datasheet HTML 4Page - Infineon Technologies AG SLY2016 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
March 23, 2000-01
RED
SLR2016
HIGH EFFICIENCY RED
SLO2016
GREEN
SLG2016
YELLOW
SLY2016
X/Y Stackable 0.180" 4-Digit 5 x 7 Dot Matrix
Alphanumeric Intelligent Display® Devices
with Memory/Decoder/Driver
FEATURES
• Very Close Multi-line Spacing, 0.4" Centers
• 0.180" 5 x 7 Dot Matrix Characters
• 128 Special ASCII Characters for English,
German, Italian, Swedish, Danish, and
Norwegian Languages
• Wide Viewing Angle: X axis 50
° Maximum,
Y Axis ±75
° Maximum
• Fast Access Time, 110 ns at 25
°C
• Full Size Display for Stationary Equipment
• Built-in Memory
• Built-in Character Generator
• Built-in Multiplex and LED Drive Circuitry
• Direct Access to Each Digit Independently and
Asynchronously
• Clear Function that Clears Character Memory
• True Blanking for Intensity Dimming Applications
• End-stackable, 4-Character Package
• Intensity Coded for Display Uniformity
• Extended Operating Temperature Range: –40
°C to
+85
°C
• Superior ESD Immunity
• 100% Burned-in and Tested
• Wave Solderable
• TTL Compatible over Operating Temperature Range
See Appnotes 18, 19, 22, and 23 at www.infineon.com/
opto for additional information.
DESCRIPTION
The SLR/SLO/SLG/SLY2016 is a four digit 5 x 7 dot matrix display
module with a built-in CMOS integrated circuit. This display is X/Y
stackable.
The integrated circuit contains memory, a 128 ASCII ROM decoder,
multiplexing circuitry and drivers. Data entry is asynchronous. A dis-
play system can be built using any number of SLR/SLO/SLG/SLY2016
since each digit can be addressed independently and will continue to
display the character last stored until replaced by another.
System interconnection is very straightforward. Two address bits (A0,
A1) are normally connected to the like-named inputs of all displays in
the system.
Data lines are connected to all SLR/SLO/SLG/SLY2016s directly and in
parallel as is the write line (WR). The display will then behave as a
write-only memory.
The SLR/SLO/SLG/SLY2016 has several features superior to competi-
tive devices. 100% burn-in processing insures that the SLR/SLO/SLG/
SLY2016 will function in more stressful assembly and use environ-
ments. True “blanking” allows the designer to dim the display for
more flexibility of display presentation. Finally the CLR clear function
will clear the ASCII character RAM.
0.100
(2.54)
0.197 (3 pl.)
(5.00)
0.400
±.015
(10.16
±.38)
0.018 (.46)
0.180
(4.57)
0.784 (19.91)
EIA Date Code
Luminous Intensity Code
Pin 1
Indicator
.100 (2.54)
Non-cumulative (12 pl.)
0.200
(5.08)
Part Number
XXYY
SLX2016
OSRAM
Z
0.150
(3.81)
0.012 (.3)
±.002 (.05)
0.300
±.020
(7.62
±.51)
0.160
±.020
(4.06
±.51)
Tolerance:
±.010 (.25)
Dimensions in inches (mm)


Similar Part No. - SLY2016

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SLY2016 OSRAM-SLY2016 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
More results

Similar Description - SLY2016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MDL2416C SIEMENS-MDL2416C Datasheet
265Kb / 8P
15 RED, 4-DIGIT, 16 SEGMENT PLUS DECIMAL HI-REL/MILITARY ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
SL1814 SIEMENS-SL1814 Datasheet
207Kb / 4P
112 RED, 8-DIGIT 17-SEGMENT ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
DL3416 SIEMENS-DL3416 Datasheet
767Kb / 6P
.224 Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
Alphanumeric Intelligent Display Devices
logo
Siemens Semiconductor G...
DL-3416 SIEMENS-DL-3416 Datasheet
425Kb / 6P
.225" Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com