Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8121AD Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM8121AD
Description  White LED Driver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8121AD Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM8121AD Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SM8121A
NIPPON PRECISION CIRCUITS INC.—13
Current Switching using External Transistors
If only a few brightness steps are required, the LED current can be adjusted by switching the LED current set-
ting resistance using external transistors (Tr).
SW
VSS
FB
SM8121
R1
250
Ω
SBD
Select signal 1
Tr1
R2
100
Ω
VDD
CE
COUT
1.0
µF
L
10
µH
CIN
4.7
µF
VIN
3.6V
LED
Select signal 2
Tr2
R3
40
Ω
Select signal 2
Select signal 1
ILED
Low
Low
2mA
Low
High
2 + 5 = 7mA
High
Low
2 + 12.5 = 14.5mA
High
High
2 + 5 + 12.5 = 19.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com