Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BASPRO Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BASPRO
Description  BAS-3000 DDC Programming Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BASPRO Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BASPRO Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Building Automation Systems
Features
BASPro
BAS-3000 DDC Programming Tool
ƒ Graphical programming environment
ƒ Supports remote download and maintenance by Ethernet
ƒ Pre-defined function blocks to save development time
ƒ Scheduler and sequential control
ƒ BA HVAC calculation
ƒ Auto-tuning PID and RAMP/SOAK control algorithm
ƒ Local alarms and event notifications
Introduction
BASPro is a programming software package suitable for building automation application, perfectly integrating with BAS-3500 Series DDC Controller (Direct Digital Controller). BASPro
features rich function blocks like mathematical calculation, data conversion, logic operation, alarm, event and timer, and control algorithm (PID, Ramp, ON/OFF switch control).
Moreover, BASPro also provides many BA domain function blocks, such as scheduler, HVAC calculation and sequential control, which are commonly used in building applications.
Developers can benefit from saving development time by the function blocks. Engineers can develop applications on their computer. After the application program is complete, it can
be downloaded to the BAS-3500 series through Ethernet. Then BAS-3500 series becomes a standalone controller since it can execute the program by itself. Besides, BASPro delivers
simulation function that you can observe the program execution situation before the program is downloaded to the BAS-3500 series.
Features
Graphical Programming Environment
BASPro features completely graphical programming environment, it makes the engineers
easily develop their function and control logic in various applications.
Supports Remote Download and Maintenance
BASPro supports Ethernet communication, which can deliver remotely downloading and
uploading control logic programs. Users also can maintain their device by remote control.
Powerful and Flexible Function Blocks
There can be up to 30 control pages per controller, each page supports up to 50 function
blocks (max.4 PID blocks per page, total 16 PID per controller). BASPro delivers plenty
of built-in function blocks, integrating many control and calculation functions into one
simple block. Developers don't need to write program code for the control function blocks
by themselves, and simply uses these function blocks to complete their applications. It
helps greatly decreasing the development time. Below are some lists of the function blocks:
ƒ
Mathematical Calculation
Addition, subtraction, multiplication, division, exponentiation, square root
operation, logarithm operation, natural logarithm operation, absolute operation,
maximum number, minimum number, scale conversion.
ƒ
Logic Operation
Boolean calculation (such as AND, OR, NOT, NAND, NOR, XOR, ...), value
comparison, trigger function, etc.
ƒ
Timer/Counter
Create time delay, count event, timing measurement, pulse, etc.
ƒ
Data Conversion
Conversion for various data type, such as convert float type data to integer data
type, convert boolean data to numeric data, combine byte to word, unpack byte to
bit, etc.
ƒ
Control and Alarm
PID control, Ramp/Soak, ON/OFF switch control, alarm setting (H, L, HH, LL alarm),
etc.
ƒ
Broadcast Variable Function
Sharing broadcast variable provides simple and efficient way to make the DDC
quickly share data between devices in the same network.
ƒ
Schedule
Provide schedule function to implement multiple purpose scheduling task controls
with the very friendly configuration edit page, such as Holiday, Weekly and Device
group. We also provide campus schedule control using in campus.
ƒ
Sequential Control
Provide the multiple stage control function for 4 or 8 stage control units. It will
turn on or turn off the unit device according to PV, SP, deadband and control
mode parameters. The sequential order includes first in last out, first in first out,
depending on the time length of operation, etc.
ƒ
HVAC Function
We support HVAC function include Dew Point, Vapor Pressure, Wet Bulb, and
Enthalpy Calculation, also include calculation of absolute humidity and AHU
function block.
ƒ
BA Domain Focus Function
BA Domain function module is provided for the specific control equipment, such
as pumps, solenoid valves, fans, dampers, air handling units. Engineers can make
system integration with different devices not only simplifies the design work, but
also reduce the workload of the project.
Note: This software is only available as a bundle with BAS-3512, BAS-3520, and
BAS-3500BC.


Similar Part No. - BASPRO

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
BAS PAIRUI-BAS Datasheet
543Kb / 4P
DC-DC Converter
logo
Isabellenhütte Heu...
BAS ISABELLENHUETTE-BAS Datasheet
520Kb / 3P
PRECISION RESISTORS
logo
Honeywell Solid State E...
BAS HONEYWELL-BAS Datasheet
597Kb / 5P
Battery Safety Aerosol Sensors CAN Communication Output
12/22
logo
Nanjing International G...
BAS-04 DGNJDZ-BAS-04 Datasheet
824Kb / 2P
Low Forward Voltage
BAS-04 DGNJDZ-BAS-04 Datasheet
93Kb / 2P
Low turn-on voltage
More results

Similar Description - BASPRO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
DDC Evaluation Platform
1999 01
logo
STMicroelectronics
ST7C254-INDART STMICROELECTRONICS-ST7C254-INDART Datasheet
77Kb / 2P
In-Circuit Debugging and In-Circuit Programming Tool for ST7
Feb-2005
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
Programming Tool
logo
STMicroelectronics
INDART STMICROELECTRONICS-INDART_11 Datasheet
312Kb / 3P
In-circuit debugging and in-circuit programming tool for ST7
30-May-2011
ST72C254G2M6 STMICROELECTRONICS-ST72C254G2M6 Datasheet
312Kb / 3P
In-circuit debugging and in-circuit programming tool for ST7
30-May-2011
logo
List of Unclassifed Man...
QV400D ETC2-QV400D Datasheet
785Kb / 73P
SOUND DEVELOPMENT AND PROGRAMMING TOOL
logo
PHOENIX CONTACT
3202957 PHOENIX-3202957 Datasheet
39Kb / 2P
Spare knife - CF 3000 TOOL CASE AB
logo
Weidmuller
2838430000 WEIDMULLER-2838430000 Datasheet
735Kb / 5P
PRO BAS 90W 24V 3.8A
2838470000 WEIDMULLER-2838470000 Datasheet
740Kb / 5P
PRO BAS 240W 48V 5A
2838500000 WEIDMULLER-2838500000 Datasheet
733Kb / 5P
PRO BAS 30W 24V 1.3A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com