Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC
Description  UTC Series Installation Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC Datasheet HTML 1Page - Advantech Co., Ltd. UTC Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ubiquitous Touch Computer
Introduction
The UTC series installation accessories blend simplicity with style. It makes optimal use of space, and its compact design saves money in shipping fees. UTC-5 Series is elegantly
designed to fit many different customer scenarios, from kiosks to reception areas. The slim and stylish unit is easy to store, easy to ship and easy to set up. Installation is simple; it
can be done in about ten minutes and the finished result makes an attractive, one-piece solution.
PN
UTC-WALL-
MOUNT1E
UTC-WALL-
MOUNT2E
UTC-WALL-
MOUNT3E
UTC-WALL-
MOUNT4E
VESA Mounting
Patterns
75 x 75 mm;
100 x 100 mm
200 x 200 mm
75 x 75 mm;
100 x 100 mm
75 x 75 mm
Weight Capacity
14 kg
35 kg
20 kg
20 kg
Wall Mount
ƒ Firmly fix to a solid wall
ƒ Weight capacity up to 14 kg
ƒ Material: Steel
ƒ Tilt: 180° up and down
ƒ Rotation: 270° for portrait or
landscape viewing
ƒ Lift: 130.5 mm
ƒ For UTC-515/520/510/315
ƒ Flush fit without movement
ƒ Weight capacity up to 35 kg
ƒ Material: Steel
ƒ Sits: 42.5 mm from the wall
ƒ For UTC-532 only
ƒ Firmly fix to a solid wall
ƒ Weight capacity up to 20 kg
ƒ Material: Steel
ƒ Sits: 27 mm from the wall
ƒ For UTC-515/520/315/318/320
UTC-WALL-MOUNT1E
VESA 75/100 mm
UTC-WALL-MOUNT2E
VESA 100/200 mm
UTC-WALL-MOUNT3E
VESA 75/100 mm
78
79.5
70.5
92
53.5
36
41
270°
180°
 100
 115
250
230
100
100
220
42.5
PN
UTC-T01-STANDE
UTC-H01-STANDE
Description
Triangle shape floor stand
H-shape floor stand
VESA Mounting Patterns
75 x 75 mm; 100 x 100 mm
75 x 75 mm; 100 x 100 mm;
200 x 200 mm
Height
120 cm
120 cm
Dimension
Ø660 mm
558 x 510 mm
Weight
10 kg
10 kg
Weight Capacity
18 KG (39.6Ibs)
Floor Stand
ƒ Organized cable management
ƒ VESA 75/100 mm
ƒ Height: 120 cm
ƒ Easily tilt for best viewing comfort
ƒ Dimension: Ø660 mm
ƒ For UTC 515/520/315/318/320
ƒ Organized cable management
ƒ VESA 75/100/200mm
ƒ Height: 120 cm
ƒ Easily tilt for best viewing comfort
ƒ Dimension: 558 x 510 mm
ƒ Acrylics signboard is excluded
ƒ For UTC 515/520/532/315/318/320
UTC-T01-STANDE
Triangle shape floor stand
UTC-H01-STANDE
H-shape floor stand
Ø660
100 75
1200
70
144°
75
100
175
20
114
MAX: 1000 x 350 x 5
(Signboard)
118
0°~135°
558.2
200
100
75
ƒ Handy and Convenient supporter
ƒ Firmly fix to solid wall
ƒ Material:Steel
ƒ Weight capacity up to 20 kg
ƒ For UTC-510
UTC-WALL-MOUNT4E
VESA 75 mm
UTC Series Installation Accessories
All product specifications are subject to change without notice
Last updated : 19-Apr-2017


Similar Part No. - UTC

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC 3842E YOUWANG-UTC 3842E Datasheet
128Kb / 9P
LINEAR INTEGRATED CIRCUIT
2005.06.09 V1.1
logo
Unisonic Technologies
UTC 75232 UTC-UTC 75232 Datasheet
150Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Hangzhou Youwang Electr...
UTC 820 YOUWANG-UTC 820 Datasheet
66Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTC LM1851 UTC-UTC LM1851  Datasheet
160Kb / 9P
GROUND FAULT INTERRUPTER
logo
Advantech Co., Ltd.
UTC-100 ADVANTECH-UTC-100 Datasheet
447Kb / 4P
2D Barcode module for UTC-100 Series
22-Feb-2022
More results

Similar Description - UTC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84298A0042L EPCOS-B84298A0042L Datasheet
156Kb / 2P
Installation Accessories
B84298A0044L EPCOS-B84298A0044L Datasheet
155Kb / 2P
Installation Accessories
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
Installation Accessories
B84298M EPCOS-B84298M Datasheet
269Kb / 5P
Installation Accessories
logo
Advantech Co., Ltd.
UTC-515 ADVANTECH-UTC-515 Datasheet
262Kb / 1P
Installation Accessories
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
Installation Accessories
UTC-300P-R10E ADVANTECH-UTC-300P-R10E Datasheet
211Kb / 1P
RFID Reader for UTC-300 Series
UTC-P03-A1E ADVANTECH-UTC-P03-A1E Datasheet
453Kb / 1P
RFID Reader for UTC-500 Series
UTC-P07-A1E ADVANTECH-UTC-P07-A1E Datasheet
447Kb / 1P
2D Barcode Module for UTC-500 Series
UTC-542P-C1E ADVANTECH-UTC-542P-C1E Datasheet
304Kb / 1P
Camera Module for UTC-542 Series
28-Jun-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com