Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCPSR2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCPSR2
Description  30 Watts Non-Isolation DC/DC Converter Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPSR2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCPSR2 Datasheet HTML 1Page - Wall Industries,Inc. DCPSR2 Datasheet HTML 2Page - Wall Industries,Inc. DCPSR2 Datasheet HTML 3Page - Wall Industries,Inc. DCPSR2 Datasheet HTML 4Page - Wall Industries,Inc. DCPSR2 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
DCPSR2 SERIES
30 Watts
Non-Isolation DC/DC Converter
Single Output
7/10/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of Iout rated, Hiccup Mode
DCPSR2-5SXX
8
A
Others
3.6
Over Temperature Protection
Internal IC Junction
+150
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
With Derating
-40
+100
ºC
Storage Temperature
-55
+125
ºC
Maximum Case Temperature
+105
ºC
Relative Humidity
5
95
%RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
13,520,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
DCPSR2-5SXX
1200
kHz
Others
410
PHYSICAL SPECIFICATIONS
Weight
0.092oz (2.6g)
Dimensions (L x W x H)
Standard Model
0.55in x 0.30in x 0.40in
(14mm x 7.5mm x 10.1mm)
Model with Heatsink (“H” Suffix)
1.26in x 0.35in x 0.43in
(32mm x 9mm x 10.9mm)
Case Material
Non-Conductive Black Plastic
Potting Material
Silicone (UL94 V-0)
SAFETY CHARACTERISTICS
Safety Approvals
UL60950-1
EN60950-1
IEC60905-1
NOTES
1.
Heatsink is available for all models. To indicate heatsink option add “H” to the end of model number. Ex DCPSR2-5S1P2H
-Due to high output power of DCPSR2-24SXX heatsink is able to be operated at least 50ºC ambient temperature without derating when applied
input voltage does not exceed 30V. Other models can meet this condition without heatsink. Heatsink can be installed for higher operating ambient
temperature as well. For more information, please contact factory.
2.
For DCPSR2-12SXX and DCPSR3-24SXX the input should install an external 22µF/50V E/C only if the input will be switched electromechanically.
CAUTION: This power module is not internally fused. An input fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com