Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9504 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9504
Description  2ch. Step-up / Inverting DC/DC Controller ICs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9504 Datasheet HTML 9Page - Torex Semiconductor XC9504 Datasheet HTML 10Page - Torex Semiconductor XC9504 Datasheet HTML 11Page - Torex Semiconductor XC9504 Datasheet HTML 12Page - Torex Semiconductor XC9504 Datasheet HTML 13Page - Torex Semiconductor XC9504 Datasheet HTML 14Page - Torex Semiconductor XC9504 Datasheet HTML 15Page - Torex Semiconductor XC9504 Datasheet HTML 16Page - Torex Semiconductor XC9504 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
External Components of the Test Circuits
Circuits 1, Circuits 2
L1, L2: 22
µH (SUMIDA CDRH5D28) : XC9504B092A
15
µH (SUMIDA CDRH5D28) : XC9504B093A
10
µH (SUMIDA CDRH5D28) : XC9504B095A
SD1, SD2 : CRS02 (Schottky, TOSHIBA)
EC10QS06 (Schottky, NIHON INTER)
CL1, CL2 : 16MCE476MD2 (Tantalum, NIHON CHEMICON)
35MCE335MB x 3 (Tantalum, NIHON CHEMICON)
CIN : 16MCE476MD2
NPN Tr 1 : 2SD1628 (SANYO)
PNP Tr 2 : 2SA1213 (TOSHIBA)
RFB : Please use by the conditions as below.
RFB11 + RFB12
≤ 1MΩ
RFB21 + RFB22
≤ 1MΩ
RFB11 / RFB12 = (Setting Output Voltage / 0.9) - 1
VOUT2 = (0.9 - VOUT1) / (RFB21 / RFB22) + 0.9
CFB : fzfb = 1 /(2 x
π x CFB1 x RFB11) = 1kHz to 50kHz (12kHz usual)
fzfb = 1 /(2 x
π x CFB2 x RFB21) = 1kHz to 50kHz (12kHz usual).
Circuits 4
L1 : 22
µH (SUMIDA CDRH5D28)
SD 1 : MA2Q737 (Schottky, MATSUSHITA)
CL 1 : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
Nch MOSFET : XP161A1355P (TOREX)
Circuits 5
L1 : 22
µH (SUMIDA CDRH5D28) : XC9504B092A
15
µH (SUMIDA CDRH5D28) : XC9504B093A
10
µH (SUMIDA CDRH5D28) : XC9504B095A
SD 1 : MA2Q737 (Schottky, MATSUSHITA)
CL 1 : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
Nch MOSFET : XP161A1355P (TOREX)
Circuits 7
L2 : 22
µH (SUMIDA CDRH5D28) : XC9504B092A
15
µH (SUMIDA CDRH5D28) : XC9504B093A
10
µH (SUMIDA CDRH5D28) : XC9504B095A
SD 2 : MA2Q737 (Schottky, MATSUSHITA)
CL 2 : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
CIN : 16MCE476MD2 (Tantalum, NIHONCHEMICON)
Pch MOSFET : XP162A12A6P (TOREX)
XC9504 Series
2ch. Step-up / Inverting DC/DC Controller ICs
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com